Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V62/12615-01XE-R Datasheet(PDF) 77 Page - Texas Instruments

Click here to check the latest version.
Part # V62/12615-01XE-R
Description  DP83848-EP PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/12615-01XE-R Datasheet(HTML) 77 Page - Texas Instruments

Back Button V62/12615-01XE-R Datasheet HTML 73Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 74Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 75Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 76Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 77Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 78Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 79Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 80Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 98 page
background image
77
DP83848-EP
www.ti.com
SLLSEC6E – SEPTEMBER 2012 – REVISED JUNE 2019
Submit Documentation Feedback
Product Folder Links: DP83848-EP
Application and Implementation
Copyright © 2012–2019, Texas Instruments Incorporated
(1)
This limit is provided as a guideline for component selection and not specified by production testing. Refer to SNLA091, PHYTER 100
Base-TX Reference Clock Jitter Tolerance, for details on jitter performance.
Figure 6-3. Crystal Oscillator Circuit
Table 6-1. 25-MHz Oscillator Specification
PARAMETER
MIN
TYP
MAX
UNIT
CONDITION
Frequency
25
MHz
Frequency Tolerance
±50
ppm
Operational Temperature
Frequency Stability
±50
ppm
1 year aging
Rise / Fall Time
6
nsec
20% - 80%
Jitter
800(1)
psec
Short term
Jitter
800(1)
psec
Long term
Symmetry
40%
60%
Duty Cycle
(1)
This limit is provided as a guideline for component selection and not specified by production testing. Refer to SNLA091, PHYTER 100
Base-TX Reference Clock Jitter Tolerance, for details on jitter performance.
Table 6-2. 50-MHz Oscillator Specification
PARAMETER
MIN
TYP
MAX
UNIT
CONDITION
Frequency
50
MHz
Frequency Tolerance
±50
ppm
Operational Temperature
Frequency Stability
±50
ppm
Operational Temperature
Rise / Fall Time
6
nsec
20% - 80%
Jitter
800(1)
psec
Short term
Jitter
800(1)
psec
Long term
Symmetry
40%
60%
Duty Cycle
Table 6-3. 25-MHz Crystal Specification
PARAMETER
MIN
TYP
MAX
UNIT
CONDITION
Frequency
25
MHz
Frequency Tolerance
±50
ppm
Operational Temperature
Frequency Stability
±50
ppm
1 year aging
Load Capacitance
25
40
pF
6.2.1.3
Power Feedback Circuit
To ensure correct operation for the DP83848-EP, parallel caps with values of 10 µF and 0.1 µF should be
placed close to pin 23 (PFBOUT) of the device.
Pin 18 (PFBIN1), pin 37 (PFBIN2), pin 23 (PFBIN3) and pin 54 (PFBIN4) must be connected to pin 31
(PFBOUT), each pin requires a small capacitor (0.1 µF). See Figure 6-4 below for proper connections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com