Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V62/12615-01XE-R Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # V62/12615-01XE-R
Description  DP83848-EP PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/12615-01XE-R Datasheet(HTML) 9 Page - Texas Instruments

Back Button V62/12615-01XE-R Datasheet HTML 5Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 6Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 7Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 8Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 9Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 10Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 11Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 12Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 98 page
background image
9
DP83848-EP
www.ti.com
SLLSEC6E – SEPTEMBER 2012 – REVISED JUNE 2019
Submit Documentation Feedback
Product Folder Links: DP83848-EP
Pin Configuration and Functions
Copyright © 2012–2019, Texas Instruments Incorporated
Table 3-5. LED Interface
TERMINAL
I/O
DESCRIPTION
NAME
NO.
LED_LINK
28
S, O, PU
LINK LED: In Mode 1, this pin indicates the status of the LINK. The LED will be ON when Link is good.
LINK/ACT LED: In Mode 2 and Mode 3, this pin indicates transmit and receive activity in addition to the status of
the Link. The LED will be ON when Link is good. It will blink when the transmitter or receiver is active.
LED_SPEED
27
S, O, PU
SPEED LED: The LED is ON when device is in 100 Mbps and OFF when in 10 Mbps. Functionality of this LED is
independent of mode selected.
LED_ACT/COL
26
S, O, PU
ACTIVITY LED: In Mode 1, this pin is the Activity LED which is ON when activity is present on either Transmit or
Receive.
COLLISION/DUPLEX LED: In Mode 2, this pin by default indicates Collision detection. For Mode 3, this LED
output may be programmed to indicate Full-duplex status instead of Collision.
Table 3-6. JTAG Interface
TERMINAL
I/O
DESCRIPTION
NAME
NO.
TCK
8
I, PU
TEST CLOCK: This pin has a weak internal pullup.
TDI
12
I, PU
TEST DATA INPUT: This pin has a weak internal pullup.
TDO
9
O
TEST OUTPUT
TMS
10
I, PU
TEST MODE SELECT: This pin has a weak internal pullup.
TRST
11
I, PU
TEST RESET: Active low asynchronous test reset. This pin has a weak internal pullup.
Table 3-7. Reset and Power Down
TERMINAL
I/O
DESCRIPTION
NAME
NO.
RESET_N
29
I, PU
RESET: Active Low input that initializes or re-initializes the DP83848-EP. Asserting this pin low for at least 1 µs
will force a reset process to occur. All internal registers will re-initialize to their default states as specified for each
bit in Section 5.6. All strap options are re-initialized as well.
PWR_DOWN/INT
7
I, OD, PU
The default function of this pin is POWER DOWN.
POWER DOWN: The pin is an active low input in this mode and should be asserted low to put the device in a
Power Down mode.
INTERRUPT: The pin is an open drain output in this mode and will be asserted low when an interrupt condition
occurs. Although the pin has a weak internal pullup, some applications may require an external pullup resister.
Register access is required for the pin to be used as an interrupt mechanism. See Section 6.2.1.4.2 for more
details on the interrupt mechanisms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com