Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4609 Datasheet(PDF) 21 Page - Microchip Technology

Part # MIC4609
Description  600V 3-Phase MOSFET/IGBT Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4609 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MIC4609 Datasheet HTML 17Page - Microchip Technology MIC4609 Datasheet HTML 18Page - Microchip Technology MIC4609 Datasheet HTML 19Page - Microchip Technology MIC4609 Datasheet HTML 20Page - Microchip Technology MIC4609 Datasheet HTML 21Page - Microchip Technology MIC4609 Datasheet HTML 22Page - Microchip Technology MIC4609 Datasheet HTML 23Page - Microchip Technology MIC4609 Datasheet HTML 24Page - Microchip Technology MIC4609 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
 2016 Microchip Technology Inc.
DS20005531A-page 21
MIC4609
FIGURE 4-7:
MIC4609 Motor Driver Typical Application – Phase A.
4.8
Overcurrent Protection Circuitry
The MIC4609 provides overcurrent protection for the
3-phase bridge. It consists of:
• a comparator that senses the voltage across a
current-sense resistor
• a latch and timer that keep all gate drivers off
during a fault
• an open-drain FAULT pin that pulls low during the
fault.
Figure 4-8 illustrates the overcurrent protection
sequence. When an overcurrent condition is detected,
the FAULT pin is pulled low and a latch disables the
gate drive outputs for a time determined by the RCIN
pin capacitor. After the delay circuit times out, the latch
is reset, the FAULT pin is deasserted to a high
impedance state and the gate drive outputs are
re-enabled.
AHS
AHB
AHO
VDD
CB
ALO
Level
shift
HI
LI
COM
VIN
CVDD
RG
RG
RHS
DCLAMP
DBST
VSS
Phase B
M
Phase A
Phase C
RSNS
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com