Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4609 Datasheet(PDF) 24 Page - Microchip Technology

Part # MIC4609
Description  600V 3-Phase MOSFET/IGBT Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4609 Datasheet(HTML) 24 Page - Microchip Technology

Back Button MIC4609 Datasheet HTML 20Page - Microchip Technology MIC4609 Datasheet HTML 21Page - Microchip Technology MIC4609 Datasheet HTML 22Page - Microchip Technology MIC4609 Datasheet HTML 23Page - Microchip Technology MIC4609 Datasheet HTML 24Page - Microchip Technology MIC4609 Datasheet HTML 25Page - Microchip Technology MIC4609 Datasheet HTML 26Page - Microchip Technology MIC4609 Datasheet HTML 27Page - Microchip Technology MIC4609 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
MIC4609
DS20005531A-page 24
 2016 Microchip Technology Inc.
amount of negative voltage on the switch node, a 1A
fast recovery diode and a minimum 10
 resistor are
recommended. A higher current diode and/or larger
values of resistance can be used if necessary.
Adding a series resistor in the switch node limits the
peak high-side driver current, which affects the
switching speed of the high-side driver. The resistor, in
series with the HO pin, may be reduced to help
compensate for the extra HS pin resistance.
FIGURE 5-2:
Negative HS Pin Voltage.
5.3
Power Dissipation Considerations
Power dissipation in the driver can be separated into
two areas:
• Gate driver dissipation
• Quiescent current dissipation used to supply the
internal logic and control functions
5.3.1
GATE DRIVER POWER
DISSIPATION
Power dissipation in the output driver stage is mainly
caused
by
charging
and
discharging
the
gate-to-emitter and gate-to-collector capacitance of the
external IGBT. Figure 5-3 shows a simplified equivalent
circuit
of
the
MIC4609
driving
an
external
high-side IGBT.
FIGURE 5-3:
MIC4609 High-Side Driving
an External IGBT.
5.3.2
DISSIPATION DURING THE
EXTERNAL IGBT/MOSFET
TURN-ON
Energy from capacitor CB is used to charge up the input
capacitance of the IGBT (CGE and CGC). The energy
delivered to the gate is dissipated in the three resistive
components, RON, RG and RG_INT. RG is the series
resistor between the driver output and the IGBT. RG_INT
is the gate resistance of the IGBT. RG_INT is usually
listed in the IGBT or MOSFET specifications. The ESR
of capacitor CB and the resistance of the connecting
etch can be ignored since they are much less than RON
and RG_INT.
The effective capacitances of CGE and CGC are difficult
to calculate because they vary nonlinearly with IC, VGE,
and
VCE. Most power IGBT and MOSFET
specifications include a graph of total gate charge
versus VGE. Figure 5-4 shows a typical gate charge
curve for an arbitrary IGBT. The chart shows that for a
gate voltage of 12V, the IGBT requires 12 nC of charge.
FIGURE 5-4:
Typical Gate Charge vs. VGE.
AHS
AHB
AHO
VDD
CB
ALO
Level
shift
AHI
ALI
COM
VIN
CVDD
M
RG
RG
RHS
DCLAMP
DBST
VNEG
10W
AHS
AHB
AHO
External
IGBT
VDD
CB
RG
RG_INT
RON
ROFF
CGC
CGE
VIN
RHS
DCLAMP
DBST
0
4
8
12
16
20
048
12
16
Q
G, Total Gate Charge (nC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com