Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4609 Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC4609
Description  600V 3-Phase MOSFET/IGBT Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4609 Datasheet(HTML) 4 Page - Microchip Technology

  MIC4609 Datasheet HTML 1Page - Microchip Technology MIC4609 Datasheet HTML 2Page - Microchip Technology MIC4609 Datasheet HTML 3Page - Microchip Technology MIC4609 Datasheet HTML 4Page - Microchip Technology MIC4609 Datasheet HTML 5Page - Microchip Technology MIC4609 Datasheet HTML 6Page - Microchip Technology MIC4609 Datasheet HTML 7Page - Microchip Technology MIC4609 Datasheet HTML 8Page - Microchip Technology MIC4609 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
Typical Application Circuit MIC4609 – 300V, 3-Phase Motor Driver
VDD
BHB
BHO
BHS
BLO
VSS
ALI
AHI
Controller
EN
CHB
CHO
CHS
CLO
BLI
BHI
300V
SUPPLY
AHB
AHO
AHS
ALO
CLI
CHI
FAULT
MIC4609
C1
CDLY
C3
D2
R2
D1
R1
D3
R3
Q1
Q2
Q3
Q4
Q5
Q6
RS
COM
ISNS
RCIN
VCC
VDD
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com