Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4609 Datasheet(PDF) 12 Page - Microchip Technology

Part # MIC4609
Description  600V 3-Phase MOSFET/IGBT Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4609 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MIC4609 Datasheet HTML 8Page - Microchip Technology MIC4609 Datasheet HTML 9Page - Microchip Technology MIC4609 Datasheet HTML 10Page - Microchip Technology MIC4609 Datasheet HTML 11Page - Microchip Technology MIC4609 Datasheet HTML 12Page - Microchip Technology MIC4609 Datasheet HTML 13Page - Microchip Technology MIC4609 Datasheet HTML 14Page - Microchip Technology MIC4609 Datasheet HTML 15Page - Microchip Technology MIC4609 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
MIC4609
DS20005531A-page 12
 2016 Microchip Technology Inc.
Note: Unless otherwise indicated, TA = +25°C with 10V  VDD  20V.
FIGURE 2-25:
LO Fall Time vs. VDD
Voltage.
FIGURE 2-26:
Rise/Fall Time vs.
Temperature (VDD = 10V).
FIGURE 2-27:
Rise/Fall Time vs.
Temperature (VDD = 20V).
FIGURE 2-28:
Dead Time vs. VDD Voltage.
FIGURE 2-29:
Dead Time vs. Temperature
(VDD = 10V).
FIGURE 2-30:
Dead Time vs. Temperature
(VDD = 20V).
10
15
20
25
30
35
40
45
50
55
60
65
70
10
11
12
13
14
15
16
17
18
19
20
V
DD (V)
25°C
-40°C
125°C
V
HS = 0V
C
L = 1 nF
10
15
20
25
30
35
40
45
50
55
60
65
70
-50
-25
0
25
50
75
100
125
Temperature (°C)
HO rise
LO rise
HO fall
LO fall
V
DD = 10V
V
HS = 0V
C
L = 1 nF
10
15
20
25
30
35
40
45
50
55
60
65
70
-50
-25
0
25
50
75
100
125
Temperature (°C)
HO rise
LO rise
HO fall
LO fall
V
DD = 20V
V
HS = 0V
C
L = 1 nF
200
250
300
350
400
450
500
10
11
12
13
14
15
16
17
18
19
20
V
DD (V)
LO fall to HO rise
HO fall to LO rise
T
A = 25°C
V
HS = 0V
C
L = 1 nF
200
250
300
350
400
450
500
-50
-25
0
25
50
75
100
125
Temperature (°C)
LO fall to HO rise
HO fall to LO rise
V
DD = 10V
V
HS = 0V
C
L = 1 nF
200
250
300
350
400
450
500
-50
-25
0
25
50
75
100
125
Temperature (°C)
LO fall to HO rise
HO fall to LO rise
V
DD = 20V
V
HS = 0V
C
L = 1 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com