Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4609 Datasheet(PDF) 17 Page - Microchip Technology

Part # MIC4609
Description  600V 3-Phase MOSFET/IGBT Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4609 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MIC4609 Datasheet HTML 13Page - Microchip Technology MIC4609 Datasheet HTML 14Page - Microchip Technology MIC4609 Datasheet HTML 15Page - Microchip Technology MIC4609 Datasheet HTML 16Page - Microchip Technology MIC4609 Datasheet HTML 17Page - Microchip Technology MIC4609 Datasheet HTML 18Page - Microchip Technology MIC4609 Datasheet HTML 19Page - Microchip Technology MIC4609 Datasheet HTML 20Page - Microchip Technology MIC4609 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
 2016 Microchip Technology Inc.
DS20005531A-page 17
MIC4609
4.3
Enable Inputs
There is one external Enable pin that controls all three
phases. A logic high on the enable pin (EN) allows for
startup of all phases and normal operation. Conversely,
when a logic low is applied on the Enable pin, all
phases turn off and the device enters a low current
Shutdown mode. All outputs (xHO and xLO) are pulled
low when EN is low. The EN pin is internally pulled
down. Leaving the pin open disables the part.
TABLE 4-1:
OPERATIONAL TRUTH TABLE
ULVO (1, 2)
Outputs (3, 4)
Condition
xHI
xLI
EN
HB ULVO
VDD ULVO
xHO
xLO
Disabled
X
X
L
X
X
L
L
VDD ULVO
X
X
X
X
L
L
L
VHB ULVO
X
L or H
H
L
H
L
L or H
Switching
HH
H
H
L
L
HH
H
L
L
LH
H
H
H
L
H
H
L
HH
HH
L
LL
H
H
H
L
L
Note 1:
UVLO = H when VDD > UVLO threshold
2:
UVLO = L when VDD < UVLO threshold
3:
xHO and xLO remain low if both xHI and xLI are low when the VDD rises above the UVLO threshold or
when the EN pin is asserted high. Normal switching operation begins when one of the inputs changes
state from L to H.
4:
Anti-shoot-through circuit prevents a high on both outputs simultaneously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com