Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4609 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC4609
Description  600V 3-Phase MOSFET/IGBT Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4609 Datasheet(HTML) 1 Page - Microchip Technology

  MIC4609 Datasheet HTML 1Page - Microchip Technology MIC4609 Datasheet HTML 2Page - Microchip Technology MIC4609 Datasheet HTML 3Page - Microchip Technology MIC4609 Datasheet HTML 4Page - Microchip Technology MIC4609 Datasheet HTML 5Page - Microchip Technology MIC4609 Datasheet HTML 6Page - Microchip Technology MIC4609 Datasheet HTML 7Page - Microchip Technology MIC4609 Datasheet HTML 8Page - Microchip Technology MIC4609 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
 2016 Microchip Technology Inc.
DS20005531A-page 1
MIC4609
Features
• Gate Drive Supply Voltage up to 20V
• Overcurrent Protection with Programmable
Restart Delay
•1A Gate Drivers
• Dual (HI/LI) Inputs per Phase
• Fault Signal Asserts on Overcurrent and
VDD UVLO
• TTL Input Thresholds
• 300 ns Typical Input Filtering Time
• Shoot-Through Protection
• Low-Power Consumption
• Supply Undervoltage Protection
• -40°C to +125°C Junction Temperature Range
Typical Applications
• 3-Phase Motor Drive
• Field-Oriented Control (FOC)
• White Goods Appliances
•Brushless DC Fans
General Description
The MIC4609 is a 600V 3-phase MOSFET/IGBT driver.
The MIC4609 features a 300 ns typical input filtering
time to prevent unwanted pulses and a 550 ns of
propagation delay. The MIC4609 has TTL input
thresholds.
The robust operation of the MIC4609 ensures that the
outputs are not affected by supply glitches, High Side
(HS) ringing below ground, or HS slewing with
high-speed
voltage
transitions.
Undervoltage
protection is provided on both the low-side and
high-side drivers.
The MIC4609 is available in a 28-pin wide SOIC
package. The MIC4609 has an operating junction
temperature range of -40°C to +125°C.
Package Type
MIC4609
28-Pin SOICW
VDD
AHI
ALI
BHI
BLI
CHI
FAULT
CLI
EN
ISNS
COM
RCIN
VSS
CLO
AHB
AHO
BHB
AHS
BHO
NC
NC
BHS
CHO
CHB
ALO
CHS
15
NC
BLO
16
17
18
19
20
21
22
23
24
25
26
27
28
14
13
12
11
10
9
8
7
6
5
4
3
2
1
600V 3-Phase MOSFET/IGBT Driver


Similar Part No. - MIC4609

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC4600 MICROCHIP-MIC4600 Datasheet
342Kb / 26P
28V Half-Bridge MOSFET Driver
06/23/16
MIC4600 MICROCHIP-MIC4600 Datasheet
1Mb / 26P
28V Half-Bridge MOSFET Driver
Revision B November 2020
MIC4600 MICROCHIP-MIC4600 Datasheet
1Mb / 26P
28V Half-Bridge MOSFET Driver
Revision B November 2020
MIC4600YML-T5 MICROCHIP-MIC4600YML-T5 Datasheet
342Kb / 26P
28V Half-Bridge MOSFET Driver
06/23/16
MIC4600YML-T5 MICROCHIP-MIC4600YML-T5 Datasheet
1Mb / 26P
28V Half-Bridge MOSFET Driver
Revision B November 2020
More results

Similar Description - MIC4609

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SCP-5144 ETC1-SCP-5144 Datasheet
84Kb / 3P
3-Phase Bridge IGBT Module 600V, 100A
logo
Sensitron
SCP-4167 SENSITRON-SCP-4167 Datasheet
74Kb / 4P
Three-Phase MOSFET/IGBT Bridge Driver
SHD830004 SENSITRON-SHD830004 Datasheet
72Kb / 4P
Three-Phase MOSFET/IGBT Bridge Driver
SHD866003 SENSITRON-SHD866003 Datasheet
72Kb / 4P
Three-Phase MOSFET/IGBT Bridge Driver
SEN-5632 SENSITRON-SEN-5632 Datasheet
69Kb / 4P
Three-Phase MOSFET/IGBT Bridge Driver
logo
Allegro MicroSystems
A4915METTR-T ALLEGRO-A4915METTR-T Datasheet
378Kb / 17P
3-Phase MOSFET Driver
A4915 ALLEGRO-A4915 Datasheet
1Mb / 17P
3-Phase MOSFET Driver
A4933 ALLEGRO-A4933_16 Datasheet
452Kb / 25P
Automotive 3-Phase MOSFET Driver
logo
Princeton Technology Co...
PT5616A PTC-PT5616A Datasheet
297Kb / 6P
3-Phase 600V Gate Driver IC
logo
AiT Semiconductor Inc.
AG2136 AITSEMI-AG2136 Datasheet
834Kb / 13P
MOSFET/IGBT GATE DRIVER 3-PHASE HIGH VOLTAGE DRIVER
REV2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com