Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4609 Datasheet(PDF) 16 Page - Microchip Technology

Part # MIC4609
Description  600V 3-Phase MOSFET/IGBT Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4609 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MIC4609 Datasheet HTML 12Page - Microchip Technology MIC4609 Datasheet HTML 13Page - Microchip Technology MIC4609 Datasheet HTML 14Page - Microchip Technology MIC4609 Datasheet HTML 15Page - Microchip Technology MIC4609 Datasheet HTML 16Page - Microchip Technology MIC4609 Datasheet HTML 17Page - Microchip Technology MIC4609 Datasheet HTML 18Page - Microchip Technology MIC4609 Datasheet HTML 19Page - Microchip Technology MIC4609 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
MIC4609
DS20005531A-page 16
 2016 Microchip Technology Inc.
4.0
FUNCTIONAL DESCRIPTION
The MIC4609 is a noninverting, 600V three-phase
IGBT/MOSFET driver designed to independently drive
six IGBTs or MOSFETs in a three-phase bridge. The
MIC4609 offers a wide 10V-to-20V VDD operating
supply range with six independent inputs (TTL or
3.3V CMOS compatible).
The driver is comprised of six input buffers with
hysteresis, four independent UVLO circuits (three
high-side monitoring the HB voltage and one low-side
monitoring the VDD voltage), and six output drivers.
The high-side output drivers utilize a high-speed
level-shifting circuit that is referenced to the HS pin. An
overcurrent protection circuit turns off all outputs during
an overcurrent fault.
4.1
UVLO Protection
The UVLO circuits force the driver's outputs low until
the supply voltage exceeds the UVLO threshold.
Hysteresis in the UVLO circuits prevents system noise
and finite circuit impedance from causing chatter during
turn-on.
The UVLO circuits are illustrated in the functional block
diagrams. The low-side UVLO circuit, Functional Block
Diagram MIC4609 – Phase x Drive Circuit, monitors
the voltage between the VDD and VSS pins. The circuit
keeps all the drivers off when VDD is less than the
UVLO threshold voltage.
The three high-side UVLO circuits, shown in Typical
Application Circuit MIC4609 – 300V, 3-Phase Motor
Driver, monitor the voltage between the xHB and xHS
pins. The circuit keeps its respective high-side output
off when VHB -VHS is less than the UVLO threshold
voltage.
4.2
Startup and UVLO
The startup sequence is illustrated in Figure 4-1. As
VDD rises above an unspecified threshold, VT, the
internal circuitry becomes active, the FAULT pin
asserts low and the UVLO circuitry begins to monitor
VDD. When the rising VDD reaches the UVLO
threshold, a current source begins charging the RCIN
pin's external capacitor until it reaches the RCIN delay
threshold. The output drivers are enabled once the
RCIN threshold is reached and the EN pin is asserted
high.
FIGURE 4-1:
Startup and Fault Timing Diagram.
VDD
UVLO Rising Level (VDDR)
FAULT
EN
RCIN
UVLO Falling Level
RCIN Delay Threshold
UVLO
(Internal)
Normal Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com