Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4609 Datasheet(PDF) 27 Page - Microchip Technology

Part # MIC4609
Description  600V 3-Phase MOSFET/IGBT Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4609 Datasheet(HTML) 27 Page - Microchip Technology

Back Button MIC4609 Datasheet HTML 23Page - Microchip Technology MIC4609 Datasheet HTML 24Page - Microchip Technology MIC4609 Datasheet HTML 25Page - Microchip Technology MIC4609 Datasheet HTML 26Page - Microchip Technology MIC4609 Datasheet HTML 27Page - Microchip Technology MIC4609 Datasheet HTML 28Page - Microchip Technology MIC4609 Datasheet HTML 29Page - Microchip Technology MIC4609 Datasheet HTML 30Page - Microchip Technology MIC4609 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
 2016 Microchip Technology Inc.
DS20005531A-page 27
MIC4609
Figure 5-5 shows the critical current paths when the
driver outputs go low and turn off the external IGBTs.
Short, low-impedance connections are important
during turn-off for the same reasons given in the
turn-on explanation. Current flowing through the
internal diode replenishes charge in the bootstrap
capacitor, CB.
FIGURE 5-6:
Turn-Off Current Paths.
It is highly recommended to use a ground plane to
minimize parasitic inductance and impedance of the
return paths. The MIC4609 is capable of greater than
1A peak currents and any impedance between the
MIC4609, the decoupling capacitors, and the external
IGBTs/MOSFETs will degrade the performance of the
driver.
xHS
xHB
xHO
VDD
CB
xHI
xLI
VSS
xLO
CVDD
GND
plane
GND
plane
VIN
HS Node
Level
shift
LOW-SIDE DRIVE TURN-OFF
CURRENT PATH
HIGH-SIDE DRIVE TURN-OFF
CURRENT PATH
HS Node



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com