Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4609 Datasheet(PDF) 3 Page - Microchip Technology

Part # MIC4609
Description  600V 3-Phase MOSFET/IGBT Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4609 Datasheet(HTML) 3 Page - Microchip Technology

  MIC4609 Datasheet HTML 1Page - Microchip Technology MIC4609 Datasheet HTML 2Page - Microchip Technology MIC4609 Datasheet HTML 3Page - Microchip Technology MIC4609 Datasheet HTML 4Page - Microchip Technology MIC4609 Datasheet HTML 5Page - Microchip Technology MIC4609 Datasheet HTML 6Page - Microchip Technology MIC4609 Datasheet HTML 7Page - Microchip Technology MIC4609 Datasheet HTML 8Page - Microchip Technology MIC4609 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
 2016 Microchip Technology Inc.
DS20005531A-page 3
MIC4609
Functional Block Diagram MIC4609 – Phase x Drive Circuit
Note:
The x in the suffix of a pin name designates any of the three phases, e.g., xHS refers to either AHS,
BHS or CHS.
xHB
xHS
xHO
xLO
xHI
xLI
COM
DRIVER
DRIVER
UVLO
LEVEL
SHIFT
VDD
UVLO
EN
R
Q
S
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com