Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4609 Datasheet(PDF) 8 Page - Microchip Technology

Part # MIC4609
Description  600V 3-Phase MOSFET/IGBT Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4609 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MIC4609 Datasheet HTML 4Page - Microchip Technology MIC4609 Datasheet HTML 5Page - Microchip Technology MIC4609 Datasheet HTML 6Page - Microchip Technology MIC4609 Datasheet HTML 7Page - Microchip Technology MIC4609 Datasheet HTML 8Page - Microchip Technology MIC4609 Datasheet HTML 9Page - Microchip Technology MIC4609 Datasheet HTML 10Page - Microchip Technology MIC4609 Datasheet HTML 11Page - Microchip Technology MIC4609 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
MIC4609
DS20005531A-page 8
 2016 Microchip Technology Inc.
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, TA = +25°C with 10V  VDD  20V.
FIGURE 2-1:
VDD Quiescent Current vs.
VDD Voltage.
FIGURE 2-2:
VDD Quiescent Current vs.
Temperature.
FIGURE 2-3:
VHB Quiescent Current vs.
VHB Voltage.
FIGURE 2-4:
VHB Quiescent Current vs.
Temperature.
FIGURE 2-5:
VDD+HB Shutdown Current
vs. Voltage.
FIGURE 2-6:
VDD+HB Shutdown Current
vs. Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
20
40
60
80
100
120
140
10
11
12
13
14
15
16
17
18
19
20
V
DD (V)
-40°C
25°C
125°C
V
HS = GND
EN = V
DD
0
20
40
60
80
100
120
140
-50
-25
0
25
50
75
100
125
Temperature (°C)
V
DD = 20V
V
DD = 10V
V
DD = 15V
V
HS = GND
EN = V
DD
0
10
20
30
40
50
10
12
14
16
18
20
V
HB (V)
-40°C
25°C
125°C
V
HS = GND
EN = V
DD
0
10
20
30
40
50
-50
-25
0
25
50
75
100
125
Temperature (°C)
V
HB = 20V
V
HB = 10V
V
HB = 14V
V
HS = GND
EN = V
DD
0.001
0.01
0.1
1
10
10
11
12
13
14
15
16
17
18
19
20
V
DD+HB (V)
-40°C
25°C
125°C
HI = LI = 0V
V
HS = Floating
EN = 0V
V
DD = VHB
0.0001
0.001
0.01
0.1
1
10
-50
-25
0
25
50
75
100
125
Temperature (°C)
V
DD = 15V
V
DD = 10V
V
DD = 20V
HI = LI = 0V
V
HS = Floating
EN = 0V
V
DD = VHB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com