Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8167 Datasheet(PDF) 162 Page - Freescale Semiconductor, Inc

Part # 56F8167
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8167 Datasheet(HTML) 162 Page - Freescale Semiconductor, Inc

Back Button 56F8167 Datasheet HTML 158Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 159Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 160Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 161Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 162Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 163Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 164Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 165Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 166Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 184 page
background image
56F8367 Technical Data, Rev. 7.0
162
Freescale Semiconductor
Preliminary
Signal-to-noise plus distortion ratio
SINAD
—
59.1
—
db
Total Harmonic Distortion
THD
—
60.6
—
db
Spurious Free Dynamic Range
SFDR
—
61.1
—
db
Effective Number Of Bits8
ENOB
—
9.6
—
Bits
1. INL measured from Vin = .1VREFH to Vin = .9VREFH
10% to 90% Input Signal Range
2. LSB = Least Significant Bit
3. ADC clock cycles
4. Assumes each voltage reference pin is bypassed with 0.1
µF ceramic capacitors to ground
5. The current that can be injected or sourced from an unselected ADC signal input without impacting the performance of
the ADC. This allows the ADC to operate in noisy industrial environments where inductive flyback is possible.
6. Absolute error includes the effects of both gain error and offset error.
7. Please see the 56F8300Peripheral User’s Manual for additional information on ADC calibration.
8. ENOB = (SINAD - 1.76)/6.02
Table 10-24 ADC Parameters (Continued)
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com