Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8167 Datasheet(PDF) 163 Page - Freescale Semiconductor, Inc

Part # 56F8167
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8167 Datasheet(HTML) 163 Page - Freescale Semiconductor, Inc

Back Button 56F8167 Datasheet HTML 159Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 160Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 161Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 162Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 163Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 164Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 165Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 166Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 167Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 184 page
background image
Analog-to-Digital Converter (ADC) Parameters
56F8367 Technical Data, Rev. 7.0
Freescale Semiconductor
163
Preliminary
Figure 10-22 ADC Absolute Error Over Processing and Temperature Extremes Before
and After Calibration for VDCin = 0.60V and 2.70V
Note: The absolute error data shown in the graphs above reflects the effects of both gain error and offset
error. The data was taken on 25 parts: three each from four processing corner lots as well as five from one
nominally processed lot, each at three temperatures: -40°C, 27°C, and 150°C (giving the 75 data points
shown above), for two input DC voltages: 0.60V and 2.70V. The data indicates that for the given
population of parts, calibration significantly reduced (by as much as 24%) the collective variation (spread)
of the absolute error of the population. It also significantly reduced (by as much as 38%) the mean
(average) of the absolute error and thereby brought it significantly closer to the ideal value of zero.
Although not guaranteed, it is believed that calibration will produce results similar to those shown above
for any population of parts including those which represent processing and temperature extremes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com