Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8167 Datasheet(PDF) 167 Page - Freescale Semiconductor, Inc

Part # 56F8167
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8167 Datasheet(HTML) 167 Page - Freescale Semiconductor, Inc

Back Button 56F8167 Datasheet HTML 163Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 164Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 165Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 166Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 167Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 168Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 169Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 170Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 171Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 184 page
background image
56F8367 Package and Pin-Out Information
56F8367 Technical Data, Rev. 7.0
Freescale Semiconductor
167
Preliminary
Table 11-1 56F8367 160-Pin LQFP Package Identification by Pin Number
Pin No.
Signal
Name
Pin No.
Signal Name
Pin No.
Signal Name
Pin No.
Signal Name
1VDD_IO
41
VSS
81
PWMA5
121
ANB5
2VPP242
VDD_IO
82
FAULTA0
122
ANB6
3
CLKO
43
PWMB3
83
D2
123
ANB7
4
TXD0
44
PWMB4
84
FAULTA1
124
EXTBOOT
5RXD0
45PWMB5
85
FAULTA2
125
VSS
6
PHASEA1
46
GPIOB5
86
D3
126
ISA0
7
PHASEB1
47
GPIOB6
87
FAULTA3
127
ISA1
8
INDEX1
48
GPIOB7
88
D4
128
ISA2
9
HOME1
49
TXD1
89
D5
129
TD0
10
A1
50
RXD1
90
D6
130
TD1
11
A2
51
WR
91
OCR_DIS
131
TD2
12
A3
52
RD
92
VDDA_OSC_PLL
132
TD3
13
A4
53
PS
93
XTAL
133
TC0
14
A5
54
DS
94
EXTAL
134
VDD_IO
15
VCAP4*
55
GPIOD0
95
VCAP3*
135
TC1
16
VDD_IO
56
GPIOD1
96
VDD_IO
136
TRST
17
A6
57
GPIOD2
97
RSTO
137
TCK
18
A7
58
GPIOD3
98
RESET
138
TMS
19
A8
59
GPIOD4
99
CLKMODE
139
TDI
20
A9
60
GPIOD5
100
ANA0
140
TDO
21
A10
61
ISB0
101
ANA1
141
VPP1
22
A11
62
VCAP1*
102
ANA2
142
CAN_TX
23
A12
63
ISB1
103
ANA3
143
CAN_RX
24
A13
64
ISB2
104
ANA4
144
VCAP2*
25
A14
65
IRQA
105
ANA5
145
SS0
* When the on-chip regulator is disabled, these four pins become 2.5V VDD_CORE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com