Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-25C080AH Datasheet(PDF) 1 Page - ABLIC Inc.

Part # S-25C080AH
Description  105°C OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-25C080AH Datasheet(HTML) 1 Page - ABLIC Inc.

  S-25C080AH Datasheet HTML 1Page - ABLIC Inc. S-25C080AH Datasheet HTML 2Page - ABLIC Inc. S-25C080AH Datasheet HTML 3Page - ABLIC Inc. S-25C080AH Datasheet HTML 4Page - ABLIC Inc. S-25C080AH Datasheet HTML 5Page - ABLIC Inc. S-25C080AH Datasheet HTML 6Page - ABLIC Inc. S-25C080AH Datasheet HTML 7Page - ABLIC Inc. S-25C080AH Datasheet HTML 8Page - ABLIC Inc. S-25C080AH Datasheet HTML 9Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
S-25C080A H Series
www.ablicinc.com
105°C OPERATION
SPI SERIAL E2PROM FOR AUTOMOTIVE
© ABLIC Inc., 2010-2018
Rev.2.3_03_C
1
The S-25C080A H series devices are high-temperature operation SPI serial E
2PROMs for automotive components.
The S-25C080A H series has the capacity of 8 K-bit and the organization is 1024 words
× 8-bit. Page write and sequential
read are available.
Caution Before using the product in automobile control unit or medical equipment, contact to ABLIC Inc. is
indispensable.
Features
• Operating voltage range:
Read
2.5 V to 5.5 V
Write
2.5 V to 5.5 V
• Operation frequency:
6.5 MHz (4.5 V to 5.5 V)
• Write time:
4.0 ms max.
• SPI mode (0, 0) and (1, 1)
• Page write
32 bytes / page
• Sequential read
• Monitors write to the memory by a status register
• Write protect:
Software, Hardware
• Protect area:
25%, 50%, 100%
• Function to prevent malfunction by monitoring clock pulse
• Write protect function during the low power supply voltage
• CMOS schmitt input ( CS , SCK, SI, WP , HOLD )
• Endurance:
10
6 cycles/word*1 (Ta = +85°C)
8
× 10
5 cycles/word*1 (Ta = +105°C)
• Data retention:
100 years (Ta =
+25°C)
50 years (Ta =
+105°C)
• Memory capacitance:
8 K-bit
• Initial delivery state:
FFh, SRWD = 0, BP1 = 0, BP0 = 0
• Operation temperature range:
Ta =
−40°C to +105°C
• Lead-free (Sn 100%), halogen-free
• AEC-Q100 qualified
*2
*1. For each address (Word: 8-bit)
*2. Contact our sales office for details.
Packages
• 8-Pin SOP (JEDEC)
• 8-Pin TSSOP
www.ablic.com


Similar Part No. - S-25C080AH

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-25C080A SII-S-25C080A Datasheet
695Kb / 39P
CMOS SPI 8K SERIAL E2PROM
logo
ABLIC Inc.
S-25C080A ABLIC-S-25C080A Datasheet
689Kb / 46P
SPI SERIAL E2PROM
Rev.6.0_00_C
logo
Seiko Instruments Inc
S-25C080A01-H8T3 SII-S-25C080A01-H8T3 Datasheet
695Kb / 39P
CMOS SPI 8K SERIAL E2PROM
S-25C080A01-I8T1G SII-S-25C080A01-I8T1G Datasheet
695Kb / 39P
CMOS SPI 8K SERIAL E2PROM
S-25C080A01-J8T1G SII-S-25C080A01-J8T1G Datasheet
695Kb / 39P
CMOS SPI 8K SERIAL E2PROM
More results

Similar Description - S-25C080AH

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-25C010A-H SII-S-25C010A-H Datasheet
1Mb / 33P
OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
S25C080A-H SII-S25C080A-H Datasheet
1Mb / 31P
OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
S25C128A-H SII-S25C128A-H Datasheet
1Mb / 31P
OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
S25C160A-H SII-S25C160A-H Datasheet
1Mb / 31P
OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
S-25C320A-H SII-S-25C320A-H Datasheet
1Mb / 31P
OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
logo
ABLIC Inc.
S-25A010A ABLIC-S-25A010A Datasheet
524Kb / 35P
FOR AUTOMOTIVE 125째C OPERATION SPI SERIAL E2PROM
Rev.5.2_02
S-25C010AH ABLIC-S-25C010AH Datasheet
512Kb / 36P
105°C OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
Rev.3.0_01_C
S-25C320AH ABLIC-S-25C320AH Datasheet
484Kb / 34P
105°C OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
Rev.3.0_01_H
S-25C160AH ABLIC-S-25C160AH Datasheet
504Kb / 34P
105°C OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
Rev.3.0_01_H
S-25C128AH ABLIC-S-25C128AH Datasheet
445Kb / 31P
105°C OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
Rev.2.3_03_H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com