Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-25C080AH Datasheet(PDF) 22 Page - ABLIC Inc.

Part # S-25C080AH
Description  105°C OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-25C080AH Datasheet(HTML) 22 Page - ABLIC Inc.

Back Button S-25C080AH Datasheet HTML 18Page - ABLIC Inc. S-25C080AH Datasheet HTML 19Page - ABLIC Inc. S-25C080AH Datasheet HTML 20Page - ABLIC Inc. S-25C080AH Datasheet HTML 21Page - ABLIC Inc. S-25C080AH Datasheet HTML 22Page - ABLIC Inc. S-25C080AH Datasheet HTML 23Page - ABLIC Inc. S-25C080AH Datasheet HTML 24Page - ABLIC Inc. S-25C080AH Datasheet HTML 25Page - ABLIC Inc. S-25C080AH Datasheet HTML 26Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
105°C OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
S-25C080A H Series
Rev.2.3_03_C
22
Write Protect Function during the Low Power Supply Voltage
The S-25C080A has a built-in detection circuit which operates with the low power supply voltage. The S-25C080A
cancels the Write operation (WRITE, WRSR) when the power supply voltage drops and power-on, at the same time,
goes in the Write protect status (WRDI) automatically to reset bit WEL. The detection voltage is 1.20 V typ., the
release voltage is 1.35 V typ., and its hysteresis is approx. 0.15 V (Refer to Figure 19).
To operate Write, after the power supply voltage dropped once but rose to the voltage level which allows Write again,
be sure to set the Write Enable Latch bit (WEL) before operating Write (WRITE, WRSR).
In the Write operation, data in the address written during the low power supply voltage is not assured.
Cancel the Write instruction
Set in Write protect (WRDI) automatically
Release voltage (
VDET)
1.35 V Typ.
Hysteresis
approx. 0.15 V
Detection voltage (
VDET)
1.20 V Typ.
Power supply voltage
Figure 19 Operation during Low Power Supply Voltage
I/O Pin
1. Connection of input pin
All input pins in S-25C080A have the CMOS structure. Do not set these pins in high impedance during operation when
you design. Especially, set the CS input in the non-select status “H” during power-on/off and standby. The error Write
does not occur as long as the CS pin is in the non-select status “H”. Set the CS pin to VCC via a resistor (the pull-up
resistor of 10 k
Ω to 100 kΩ).
If the CS pin and the SCK pin change from “L” to “H” simultaneously, data may be input from the SI pin.
To prevent the error for sure, it is recommended to pull down the SCK pin to GND. In addition, it is recommended to
pull up the SI pin, the WP pin and the HOLD pin to VCC, or pull down these pins to GND, respectively. Connecting the
WP
pin and the HOLD pin to VCC directly is also possible when these pins are not in use.
2. Equivalent circuit of input and output pin
Figure 20 and 21 show the equivalent circuits of input pins in S-25C080A. A pull-up and pull-down elements are not
included in each input pin, pay attention not to set it in the floating state when you design.
Figure 22 shows the equivalent circuit of the output pin. This pin has the tri-state output of “H” level/“L” level/high
impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com