Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-25C080AH Datasheet(PDF) 4 Page - ABLIC Inc.

Part # S-25C080AH
Description  105°C OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-25C080AH Datasheet(HTML) 4 Page - ABLIC Inc.

  S-25C080AH Datasheet HTML 1Page - ABLIC Inc. S-25C080AH Datasheet HTML 2Page - ABLIC Inc. S-25C080AH Datasheet HTML 3Page - ABLIC Inc. S-25C080AH Datasheet HTML 4Page - ABLIC Inc. S-25C080AH Datasheet HTML 5Page - ABLIC Inc. S-25C080AH Datasheet HTML 6Page - ABLIC Inc. S-25C080AH Datasheet HTML 7Page - ABLIC Inc. S-25C080AH Datasheet HTML 8Page - ABLIC Inc. S-25C080AH Datasheet HTML 9Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
105°C OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
S-25C080A H Series
Rev.2.3_03_C
4
AEC-Q100 Qualified
This IC supports AEC-Q100 for operation temperature grade 2.
Contact our sales office for details of AEC-Q100 reliability specification.
Absolute Maximum Ratings
Table 3
Item
Symbol
Absolute Maximum Rating
Unit
Power supply voltage
VCC
−0.3 to +7.0
V
Input voltage
VIN
−0.3 to +7.0
V
Output voltage
VOUT
−0.3 to VCC + 0.3
V
Operation ambient temperature
Topr
−40 to +105
°C
Storage temperature
Tstg
−65 to +150
°C
Caution The absolute maximum ratings are rated values exceeding which the product could suffer
physical damage. These values must therefore not be exceeded under any conditions.
Recommended Operating Conditions
Table 4
Item
Symbol
Condition
Ta =
−40°C to +105°C
Unit
Min.
Max.
Power supply voltage
VCC
Read Operation
2.5
5.5
V
Write Operation
2.5
5.5
V
High level input voltage
VIH
VCC = 2.5 V to 5.5 V
0.7
× VCC
VCC
+ 1.0
V
Low level input voltage
VIL
VCC = 2.5 V to 5.5 V
−0.3
0.3
× VCC
V
Pin Capacitance
Table 5
(Ta =
+25 °C, f = 1.0 MHz, VCC = 5 V)
Item
Symbol
Condition
Min.
Max.
Unit
Input capacitance
CIN
VIN = 0 V ( CS , SCK, SI, WP , HOLD )
−
8
pF
Output capacitance
COUT
VOUT = 0 V (SO)
−
10
pF
Endurance
Table 6
Item
Symbol
Operation Ambient Temperature
Min.
Max.
Unit
Endurance
NW
−40°C to +85°C
10
6
−
cycles / word
*1
−40°C to +105°C
8
× 10
5
−
cycles / word
*1
*1. For each address (Word: 8 bits)
Data Retention
Table 7
Item
Symbol
Operation Ambient Temperature
Min.
Max.
Unit
Data retention
−
+25°C
100
−
year
−40°C to +105°C
50
−
year



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com