Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-25C080AH Datasheet(PDF) 19 Page - ABLIC Inc.

Part # S-25C080AH
Description  105°C OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-25C080AH Datasheet(HTML) 19 Page - ABLIC Inc.

Back Button S-25C080AH Datasheet HTML 15Page - ABLIC Inc. S-25C080AH Datasheet HTML 16Page - ABLIC Inc. S-25C080AH Datasheet HTML 17Page - ABLIC Inc. S-25C080AH Datasheet HTML 18Page - ABLIC Inc. S-25C080AH Datasheet HTML 19Page - ABLIC Inc. S-25C080AH Datasheet HTML 20Page - ABLIC Inc. S-25C080AH Datasheet HTML 21Page - ABLIC Inc. S-25C080AH Datasheet HTML 22Page - ABLIC Inc. S-25C080AH Datasheet HTML 23Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
105°C OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
Rev.2.3_03_C
S-25C080A H Series
19
SO
SCK
WP
CS
SI
Instruction
High-Z
12345678
High / Low
9 10 11
22232425
16-bit Address (n)
A15 A14 A13
A0
A1
A2
Data Byte (n)
Data Byte (n
+ x)
D4
D5
D6
D7
26 27 28 29 30 31 32
D0
D1
D2
D3
D0
D1
D2
D3
D4
Remark The higher addresses A15 to A10 = Don’t care.
Figure 17 WRITE Operation (Page)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com