Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-25C080AH Datasheet(PDF) 18 Page - ABLIC Inc.

Part # S-25C080AH
Description  105°C OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-25C080AH Datasheet(HTML) 18 Page - ABLIC Inc.

Back Button S-25C080AH Datasheet HTML 14Page - ABLIC Inc. S-25C080AH Datasheet HTML 15Page - ABLIC Inc. S-25C080AH Datasheet HTML 16Page - ABLIC Inc. S-25C080AH Datasheet HTML 17Page - ABLIC Inc. S-25C080AH Datasheet HTML 18Page - ABLIC Inc. S-25C080AH Datasheet HTML 19Page - ABLIC Inc. S-25C080AH Datasheet HTML 20Page - ABLIC Inc. S-25C080AH Datasheet HTML 21Page - ABLIC Inc. S-25C080AH Datasheet HTML 22Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
105°C OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
S-25C080A H Series
Rev.2.3_03_C
18
7. Write memory data (WRITE)
Figure 16 shows the timing chart when inputting 1-byte data. Input the instruction code, the address and data from
serial data input (SI) after inputting “L” to the chip select ( CS ). To start WRITE (tPR), set the chip select ( CS ) to “H”
after inputting data or before inputting a rising of the next serial clock. Bit WIP and WEL are reset to “0” when Write has
completed.
The S-25C080A can Page Write of 32 bytes. Its function to transmit data is as same as Byte Write basically, but it
operates Page Write by receiving sequential 8-bit Write data as much data as page size has. Input the instruction
code, the address and data from serial data input (SI) after inputting “L” in CS , as the WRITE operation (page) shown
in Figure 17. Input the next data while keeping CS in “L”. After that, repeat inputting data of 8-bit sequentially. At the
end, by setting CS to “H”, the WRITE operation starts (tPR).
5 of the lower bits in the address are automatically incremented every time when receiving Write data of 8-bit. Thus,
even if Write data exceeds 32 bytes, the higher bits in the address do not change. And 5 of lower bits in the address
roll over so that Write data which is previously input is overwritten.
These are cases when the WRITE instruction is not accepted or operated.
• Bit WEL is not set to “1” (not set to “1” beforehand immediately before the WRITE instruction)
• During Write
• The address to be written is in the protect area by BP1 and BP0.
To cancel the WRITE instruction, input the clock different from a specified value (n = 24+m
× 8 clock) while CS is in
“L”.
SO
SCK
WP
CS
SI
Instruction
High-Z
12345678
High / Low
910
11
21
22
23
24
25
16-bit Address
A15 A14 A13
A0
A1
A2
A3
Data Byte 1
D4
D5
D6
D7
26
27
28
29
30
31
32
D0
D1
D2
D3
Remark The higher addresses A15 to A10 = Don’t care.
Figure 16 WRITE Operation (1 byte)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com