Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-25C080AH Datasheet(PDF) 20 Page - ABLIC Inc.

Part # S-25C080AH
Description  105°C OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-25C080AH Datasheet(HTML) 20 Page - ABLIC Inc.

Back Button S-25C080AH Datasheet HTML 16Page - ABLIC Inc. S-25C080AH Datasheet HTML 17Page - ABLIC Inc. S-25C080AH Datasheet HTML 18Page - ABLIC Inc. S-25C080AH Datasheet HTML 19Page - ABLIC Inc. S-25C080AH Datasheet HTML 20Page - ABLIC Inc. S-25C080AH Datasheet HTML 21Page - ABLIC Inc. S-25C080AH Datasheet HTML 22Page - ABLIC Inc. S-25C080AH Datasheet HTML 23Page - ABLIC Inc. S-25C080AH Datasheet HTML 24Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
105°C OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
S-25C080A H Series
Rev.2.3_03_C
20
Protect Operation
Table 15 shows the block settings of Write protect. Table 16 shows the protect operation for the device. As long as bit
SRWD, the Status Register Write Disable bit, in the status register is reset to “0” (it is in reset before the shipment), the
value of status register can be changed.
These are two statuses when bit SRWD is set to “1”.
• Write in the status register is possible; Write protect ( WP ) is in “H”.
• Write in the status register is impossible; Write protect ( WP ) is in “L”. Therefore the Write protect area which is set by
protect bit (BP1, BP0) in the status register cannot be changed.
These operations are to set Hardware Protect (HPM).
• After setting bit SRWD, set Write protect ( WP ) to “L”.
• Set bit SRWD completed setting Write protect ( WP ) to “L”.
Figure 7 and 8 show the Valid timing in Write protect and Invalid timing in Write protect during the cycle Write to the
status register.
By inputting “H” to Write protect ( WP ), Hardware Protect (HPM) is released. If the Write protect ( WP ) is “H”, Hardware
Protect (HPM) does not function, Software Protect (SPM) which is set by the protect bits in the status register (BP1,
BP0) only works.
Table 15 The Block Settings of Write Protect
Status register
The area of Write protect
Address of Write protect block
BP1
BP0
0
0
0 %
None
0
1
25 %
300h to 3FFh
1
0
50 %
200h to 3FFh
1
1
100 %
000h to 3FFh
Table 16 Protect Operation
Mode
WP
pin
Bit SRWD
Bit WEL
Write protect block
General block
Status register
Software Protect
(SPM)
1
X
0
Write disable
Write disable
Write disable
1
X
1
Write disable
Write enable
Write enable
X
0
0
Write disable
Write disable
Write disable
X
0
1
Write disable
Write enable
Write enable
Hardware Protect
(HPM)
0
1
0
Write disable
Write disable
Write disable
0
1
1
Write disable
Write enable
Write disable
Remark X = Don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com