Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-25C080AH Datasheet(PDF) 12 Page - ABLIC Inc.

Part # S-25C080AH
Description  105°C OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-25C080AH Datasheet(HTML) 12 Page - ABLIC Inc.

Back Button S-25C080AH Datasheet HTML 8Page - ABLIC Inc. S-25C080AH Datasheet HTML 9Page - ABLIC Inc. S-25C080AH Datasheet HTML 10Page - ABLIC Inc. S-25C080AH Datasheet HTML 11Page - ABLIC Inc. S-25C080AH Datasheet HTML 12Page - ABLIC Inc. S-25C080AH Datasheet HTML 13Page - ABLIC Inc. S-25C080AH Datasheet HTML 14Page - ABLIC Inc. S-25C080AH Datasheet HTML 15Page - ABLIC Inc. S-25C080AH Datasheet HTML 16Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
105°C OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
S-25C080A H Series
Rev.2.3_03_C
12
1. 4 WIP (b0) : Write in progress
Bit WIP is Read Only and shows whether the internal memory is in the Write operation or not by the WRITE or
WRSR instruction. Bit WIP is “1” during the Write operation but “0” during any other status. Figure 10 shows the
usage example.
000
000
000
00
S
R
W
D
B
P
1
B
P
0
S
R
W
D
B
P
1
B
P
0
S
R
W
D
B
tPR
P
1
B
P
0
WEL, WIP
WEL, WIP
WEL, WIP
CS
SI
SO
RDSR instruction
RDSR instruction
RDSR instruction
RDSR
RDSR
RDSR
11
11
WRITE or WRSR instruction
D2 D1 D0
Figure 10 Usage Example of WEL, WIP Bits during Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com