Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-25C080AH Datasheet(PDF) 17 Page - ABLIC Inc.

Part # S-25C080AH
Description  105°C OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-25C080AH Datasheet(HTML) 17 Page - ABLIC Inc.

Back Button S-25C080AH Datasheet HTML 13Page - ABLIC Inc. S-25C080AH Datasheet HTML 14Page - ABLIC Inc. S-25C080AH Datasheet HTML 15Page - ABLIC Inc. S-25C080AH Datasheet HTML 16Page - ABLIC Inc. S-25C080AH Datasheet HTML 17Page - ABLIC Inc. S-25C080AH Datasheet HTML 18Page - ABLIC Inc. S-25C080AH Datasheet HTML 19Page - ABLIC Inc. S-25C080AH Datasheet HTML 20Page - ABLIC Inc. S-25C080AH Datasheet HTML 21Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
105°C OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
Rev.2.3_03_C
S-25C080A H Series
17
6. Read memory data (READ)
The READ operation is shown below. Input the instruction code and the address from serial data input (SI) after
inputting “L” to the chip select ( CS ). The input address is loaded to the internal address counter, and data in the
address is output from the serial data output (SO).
Next, by inputting the serial clock (SCK) keeping the chip select ( CS ) in “L”, the address is automatically incremented
so that data in the following address is sequentially output. The address counter rolls over to the first address by
increment in the last address.
To finish the Read cycle, set CS to “H”. It is possible to raise the chip select always during the cycle. During Write, the
READ instruction code is not be accepted or operated.
SO
SCK
WP
CS
SI
Instruction
High-Z
12345678
High / Low
910
11
21
22
23
24
25
16-bit Address
A15 A14 A13
A0
A1
A2
A3
Outputs the First Byte
D4
D5
D6
D7
26
27
28
29
30
31
32
D0
D1
D2
D3
D7
Outputs
the Second
Remark The higher addresses A15 to A10 = Don’t care.
Figure 15 READ Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com