Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-25C080AH Datasheet(PDF) 14 Page - ABLIC Inc.

Part # S-25C080AH
Description  105°C OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-25C080AH Datasheet(HTML) 14 Page - ABLIC Inc.

Back Button S-25C080AH Datasheet HTML 10Page - ABLIC Inc. S-25C080AH Datasheet HTML 11Page - ABLIC Inc. S-25C080AH Datasheet HTML 12Page - ABLIC Inc. S-25C080AH Datasheet HTML 13Page - ABLIC Inc. S-25C080AH Datasheet HTML 14Page - ABLIC Inc. S-25C080AH Datasheet HTML 15Page - ABLIC Inc. S-25C080AH Datasheet HTML 16Page - ABLIC Inc. S-25C080AH Datasheet HTML 17Page - ABLIC Inc. S-25C080AH Datasheet HTML 18Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
105°C OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
S-25C080A H Series
Rev.2.3_03_C
14
3. Write disable (WRDI)
The WRDI instruction is one of ways to reset bit Write Enable Latch (WEL). After selecting the device by the chip select
( CS ), input the instruction code from serial data input (SI).
To reset bit WEL, set the device in the non-select status by CS at the 8th clock of the serial clock. To cancel the WRDI
instruction, input the clock different from a specified value (n = 8 clock) while CS is in “L”. Bit WEL is reset after the
operations shown below.
• The power supply voltage is dropping
• Power-on
• After performing WRDI
• After the completion of Write operation by the WRSR instruction
• After the completion of Write operation by the WRITE instruction
SO
SCK
WP
CS
SI
Instruction
High-Z
12345678
High / Low
Figure 12 WRDI Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com