Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-25C080AH Datasheet(PDF) 2 Page - ABLIC Inc.

Part # S-25C080AH
Description  105°C OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-25C080AH Datasheet(HTML) 2 Page - ABLIC Inc.

  S-25C080AH Datasheet HTML 1Page - ABLIC Inc. S-25C080AH Datasheet HTML 2Page - ABLIC Inc. S-25C080AH Datasheet HTML 3Page - ABLIC Inc. S-25C080AH Datasheet HTML 4Page - ABLIC Inc. S-25C080AH Datasheet HTML 5Page - ABLIC Inc. S-25C080AH Datasheet HTML 6Page - ABLIC Inc. S-25C080AH Datasheet HTML 7Page - ABLIC Inc. S-25C080AH Datasheet HTML 8Page - ABLIC Inc. S-25C080AH Datasheet HTML 9Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
105°C OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
S-25C080A H Series
Rev.2.3_03_C
2
Pin Configurations
1. 8-Pin SOP (JEDEC)
7
6
5
8
2
3
4
1
Top view
Figure 1
S-25C080A0H-J8T2UD
Table 1
Pin No.
Symbol
Description
1
CS
*1
Chip select input
2
SO
Serial data output
3
WP
*1
Write protect input
4
GND
Ground
5
SI
*1
Serial data input
6
SCK
*1
Serial clock input
7
HOLD
*1
Hold input
8
VCC
Power supply
2. 8-Pin TSSOP
7
6
5
8
2
3
4
1
Top view
Figure 2
S-25C080A0H-T8T2UD
Table 2
Pin No.
Symbol
Description
1
CS
*1
Chip select input
2
SO
Serial data output
3
WP
*1
Write protect input
4
GND
Ground
5
SI
*1
Serial data input
6
SCK
*1
Serial clock input
7
HOLD
*1
Hold input
8
VCC
Power supply
*1. Do not use it in high impedance.
Remark See Dimensions for details of the package drawings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com