Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1813 Datasheet(PDF) 24 Page - Microchip Technology

Part # EMC1813
Description  Multi-Channel Low-Voltage Remote Diode Sensor Family
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1813 Datasheet(HTML) 24 Page - Microchip Technology

Back Button EMC1813 Datasheet HTML 20Page - Microchip Technology EMC1813 Datasheet HTML 21Page - Microchip Technology EMC1813 Datasheet HTML 22Page - Microchip Technology EMC1813 Datasheet HTML 23Page - Microchip Technology EMC1813 Datasheet HTML 24Page - Microchip Technology EMC1813 Datasheet HTML 25Page - Microchip Technology EMC1813 Datasheet HTML 26Page - Microchip Technology EMC1813 Datasheet HTML 27Page - Microchip Technology EMC1813 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 102 page
background image
5.15
Programmable External Diode Ideality Factor
The EMC1812/13/14/15/33 device family is designed for external diodes with an ideality factor of 1.008.
Not all external diodes, processor or discrete, will have this exact value. This variation of the ideality
factor introduces errors in the temperature measurement which must be corrected for. This correction is
typically done using programmable offset registers. Since an ideality factor mismatch introduces an error
that is a function of temperature, this correction is only accurate within a small range of temperatures. To
provide maximum flexibility to the user, the EMC1812/13/14/15/33 devices provides a 6-bit register for
each external diode where the ideality factor of the diode used is programmed to eliminate errors across
all temperatures.
When monitoring a substrate transistor or CPU diode and beta compensation is enabled, the ideality
factor should not be adjusted. Beta compensation automatically corrects for most ideality errors.
When measuring a 65 nm Intel
® CPU, the Ideality Setting should be the default 12h. When measuring a
45 nm Intel CPU, the Ideality Setting should be 15h.
These registers store the ideality factors that are applied to the external diodes. The following table
defines each setting and the corresponding ideality factor. Since beta compensation and Resistance Error
Correction automatically correct for most diode ideality errors, it is not recommended that these settings
be updated without consulting Microchip.
Table 5-7. Ideality Factor Look-Up Table (Diode Model)
Setting
Factor
Setting
Factor
Setting
Factor
08h
0.9949
18h
1.0159
28h
1.0371
09h
0.9962
19h
1.0172
29h
1.0384
0Ah
0.9975
1Ah
1.0185
2Ah
1.0397
0Bh
0.9988
1Bh
1.0200
2Bh
1.0410
0Ch
1.0001
1Ch
1.0212
2Ch
1.0423
0Dh
1.0014
1Dh
1.0226
2Dh
1.0436
0Eh
1.0027
1Eh
1.0239
2Eh
1.0449
0Fh
1.0040
1Fh
1.0253
2Fh
1.0462
10h
1.0053
20h
1.0267
30h
1.0475
11h
1.0066
21h
1.0280
31h
1.0488
12h
1.0080
22h
1.0293
32h
1.0501
13h
1.0093
23h
1.0306
33h
1.0514
14h
1.0106
24h
1.0319
34h
1.0527
15h
1.0119
25h
1.0332
35h
1.0540
16h
1.0133
26h
1.0345
36h
1.0553
17h
1.0146
27h
1.0358
37h
1.0566
Multi-Channel Low-Voltage Remote Di...
System Block Diagram
© 2018 Microchip Technology Inc.
Datasheet
DS20005751A-page 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com