Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1813 Datasheet(PDF) 27 Page - Microchip Technology

Part # EMC1813
Description  Multi-Channel Low-Voltage Remote Diode Sensor Family
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1813 Datasheet(HTML) 27 Page - Microchip Technology

Back Button EMC1813 Datasheet HTML 23Page - Microchip Technology EMC1813 Datasheet HTML 24Page - Microchip Technology EMC1813 Datasheet HTML 25Page - Microchip Technology EMC1813 Datasheet HTML 26Page - Microchip Technology EMC1813 Datasheet HTML 27Page - Microchip Technology EMC1813 Datasheet HTML 28Page - Microchip Technology EMC1813 Datasheet HTML 29Page - Microchip Technology EMC1813 Datasheet HTML 30Page - Microchip Technology EMC1813 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 102 page
background image
Once the THERM pin has been asserted, the consecutive Therm counter will not reset until the
corresponding temperature drops below the Therm limit minus the Therm Hysteresis value.
The bits are decoded as shown in the table below. The default setting is four consecutive out-of-limit
conversions.
All temperature channels use this value to set the respective counters. The bits are decoded as shown in
the table below. The default setting is 1 consecutive out-of-limit conversion.
When the ALERT pin is in Comparator mode, the low limit and Diode Fault will bypass the consecutive
alert counter and set the appropriate Status bits, but will NOT assert the ALERT pin.
When a value is written to 6.10.21 CONSEC ALERT (Address 22h) that is not defined below, the
command is ignored and the last valid value is maintained.
Table 5-9. Consecutive ALERT/ THERM Settings
2
1
0
Number of consecutive Out-of-Limit measurements
0
0
0
1
(default for CALRT<2:0>)
0
0
1
2
0
1
1
3
1
1
1
4
(default for CTHRM<2:0>)
5.18
“Hottest Of” Comparison
At the end of every measurement cycle, the EMC1812/13/14/15/33 devices compare all of the user-
selectable internal and external diode channels to determine which of these channels is reporting the
hottest temperature. The hottest temperature is stored in the Hottest Temperature registers and the
appropriate Status bit is set in the Hottest Status register. If multiple temperature channels measure the
same temperature and are equal to the hottest temperature, the hottest status will be displayed for all
selected temperature channels with the hottest temperature measurement.
As an optional feature, the EMC1812/13/14/15/33 devices can also flag an event if the hottest
temperature channel changes by enabling the REMHOT (Remember Hottest) bit (see 6.10.43 HOTTEST
CONFIG). For example, suppose that external diode channels 1, 3 and 4 are programmed to be
compared in the “Hottest Of” Comparison. If the External Diode 1 channel reports the hottest temperature
of the three, its temperature is copied into the Hottest Temperature registers (in addition to the External
Diode 1 Temperature registers) and it is flagged in the Hottest Status bit. If, on the next measurement, the
External Diode 3 channel temperature has increased such that it is now the hottest temperature, the
EMC1812/13/14/15/33 devices can flag this event as an interrupt condition and assert the ALERT pin.
5.19
Rate of Change
The Rate of Change (ROC) function approximates the derivative of the temperature using a difference
equation. The equation below is the basis for calculation.
The ROC can be enabled for the first two standard diode connections. If Diode 2 is an anti-parallel
connected diode, the ROC feature is applied to diode 3. For the EMC1833 the ROC only applies to
External Diode 1.
Multi-Channel Low-Voltage Remote Di...
System Block Diagram
© 2018 Microchip Technology Inc.
Datasheet
DS20005751A-page 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com