Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1813 Datasheet(PDF) 99 Page - Microchip Technology

Part # EMC1813
Description  Multi-Channel Low-Voltage Remote Diode Sensor Family
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1813 Datasheet(HTML) 99 Page - Microchip Technology

Back Button EMC1813 Datasheet HTML 94Page - Microchip Technology EMC1813 Datasheet HTML 95Page - Microchip Technology EMC1813 Datasheet HTML 96Page - Microchip Technology EMC1813 Datasheet HTML 97Page - Microchip Technology EMC1813 Datasheet HTML 98Page - Microchip Technology EMC1813 Datasheet HTML 99Page - Microchip Technology EMC1813 Datasheet HTML 100Page - Microchip Technology EMC1813 Datasheet HTML 101Page - Microchip Technology EMC1813 Datasheet HTML 102Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 99 / 102 page
background image
Product Identification System
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
PART NO.
–X
/XX
Package
[X](1)
Tape
and Reel
Device
Temp.
Range
X
SMBUS
Address
Device:
EMC1812: High-Accuracy, Low-Cost, 2-wire Temperature Sensor
EMC1813: High-Accuracy, Low-Cost, 2-wire Temperature Sensor
EMC1814: High-Accuracy, Low-Cost, 2-wire Temperature Sensor
EMC1815: High-Accuracy, Low-Cost, 2-wire Temperature Sensor
EMC1833: High-Accuracy, Low-Cost, 2-wire Temperature Sensor
Tape and Reel Option:
Blank
= Standard packaging (tube or
tray)
T
= Tape and Reel
SMBus Address:
1
= 1001_100(r/w)
2
= 1000_101(r/w)
A
= Adjustable
Temperature Range:
I
= -40°C to +85°C (Industrial)
E
= -40°C to +125°C (Extended)
Package:
RW
= 8-Lead Very, Very Thin Plastic
Dual Flat, No Lead – 2 x 2 mm
Body (WDFN)= UQFN
9R
= 10-Lead Very Thin Plastic Dual
Flat, No Lead – 2.5 x 2.0 mm
Body (VDFN)
Examples:
•
EMC1812T-AE/RW:Tape and reel, Adjustable, Extended temperature, 8L-WDFN package
•
EMC1812T-1E/RW:Tape and reel, 1001_100(r/w), Extended temperature, 8L-WDFN package
•
EMC1833T-2E/RW:Tape and reel 1000_101(r/w), Extended temperature, 8L-WDFN package
•
EMC1813T-2E/9R:Tape and reel 1000_101(r/w), Extended temperature, 10L-VDFN package
•
EMC1814T-AE/9R:Tape and reel, Adjustable Extended temperature, 10L-VDFN package
•
EMC1815T-1E/9R:Tape and reel, 1001_100(r/w), Extended temperature, 10L-VDFN package
•
EMC1815T-2E/9R:Tape and reel, 1000_101(r/w), Extended temperature, 10L-VDFN package
Note: 
1.
Tape and Reel identifier only appears in the catalog part number description. This identifier is used
for ordering purposes and is not printed on the device package. Check with your Microchip Sales
Office for package availability with the Tape and Reel option.
2.
Small form-factor packaging options may be available. Please check http://www.microchip.com/
packaging for small-form factor package availability, or contact your local Sales Office.
Multi-Channel Low-Voltage Remote Diode Sensor Family
© 2018 Microchip Technology Inc.
Datasheet
DS20005751A-page 99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com