Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1813 Datasheet(PDF) 46 Page - Microchip Technology

Part # EMC1813
Description  Multi-Channel Low-Voltage Remote Diode Sensor Family
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1813 Datasheet(HTML) 46 Page - Microchip Technology

Back Button EMC1813 Datasheet HTML 42Page - Microchip Technology EMC1813 Datasheet HTML 43Page - Microchip Technology EMC1813 Datasheet HTML 44Page - Microchip Technology EMC1813 Datasheet HTML 45Page - Microchip Technology EMC1813 Datasheet HTML 46Page - Microchip Technology EMC1813 Datasheet HTML 47Page - Microchip Technology EMC1813 Datasheet HTML 48Page - Microchip Technology EMC1813 Datasheet HTML 49Page - Microchip Technology EMC1813 Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 102 page
background image
Value
Description
1
The temperature measurement range is -64°C to +191.875°C and the data format is offset
binary (see Table 5-1)
0
The temperature measurement range is 0°C to +127.875°C and the data format is binary
Bit 1 – DA_ENA Enables the dynamic averaging feature on all temperature channels.
Value
Description
1
The dynamic averaging feature is enabled. All temperature channels will be converted with
an averaging factor that is based on the conversion rate, as shown in Table 5-3.
0
The dynamic averaging feature is disabled. All temperature channels will be converted with a
maximum averaging factor of 1x (equivalent to 11-bit conversion). For higher conversion
rates, this averaging factor will be reduced, as shown in Table 5-4
Bit 0 – APDD Disables the anti-parallel diode operation only allowing each APD pin set to bias and
measure one diode.
Value
Description
1
Anti-Parallel Diode mode is disabled. Only one external diode will be measured on the
DP1/DN1 and DP2/DN2 pins
0
Anti-Parallel Diode mode is enabled. Two external diodes will be measured on the DP1/DN1
and DP2/DN2 pins
Multi-Channel Low-Voltage Remote Di...
System Management Bus Protocol
© 2018 Microchip Technology Inc.
Datasheet
DS20005751A-page 46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com