Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1813 Datasheet(PDF) 15 Page - Microchip Technology

Part # EMC1813
Description  Multi-Channel Low-Voltage Remote Diode Sensor Family
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1813 Datasheet(HTML) 15 Page - Microchip Technology

Back Button EMC1813 Datasheet HTML 11Page - Microchip Technology EMC1813 Datasheet HTML 12Page - Microchip Technology EMC1813 Datasheet HTML 13Page - Microchip Technology EMC1813 Datasheet HTML 14Page - Microchip Technology EMC1813 Datasheet HTML 15Page - Microchip Technology EMC1813 Datasheet HTML 16Page - Microchip Technology EMC1813 Datasheet HTML 17Page - Microchip Technology EMC1813 Datasheet HTML 18Page - Microchip Technology EMC1813 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 102 page
background image
5.
System Block Diagram
The figure below shows a system-level block diagram of the EMC1812/13/14/15/33.
Figure 5-1. EMC1812/13/14/15/33 System Diagram
CPU/GPU
EMC18XX
Host
DP
DN
SDA
Thermal
Junction
SCL
SMBus
Interface
THERM/ADDR
ALERT/THERM2
Power Control
VDD
GND
VDD = 1.8V-2.75V
1.8V-2.75V
DN2/DP3
DP2/DN3
5.1
Temperature Measurement
The EMC1812/13/14/15/33 device family can monitor the temperature of up to four externally-connected
diodes. Each external diode channel is configured with Resistance Error Correction and Beta
Compensation based on user settings and system requirements.
The devices contain programmable high, low and therm limits for all measured temperature channels. If
the measured temperature goes below the low limit or above the high limit, the ALERT pin can be
asserted (based on user settings). If the measured temperature meets or exceeds the therm limit, the
THERM pin is asserted unconditionally, providing two tiers of temperature detection.
5.2
Temperature Measurement Results and Data
The temperature measurement results are stored in the internal and external temperature registers.
These are then compared with the values stored in the high- and low-limit registers. Both external and
internal temperature measurements are stored in 11-bit format with the eight Most Significant bits (MSb)
stored in a high-byte register and the three Least Significant bits (LSb) stored in the three MSB positions
of the low-byte register. All other bits of the low-byte register are set to zero.
The EMC1812/13/14/15/33 family has two selectable temperature ranges. The default range is from 0°C
to +127°C and the temperature is represented as a binary number able to report a temperature from 0°C
to +127.875°C in 0.125°C steps.
The extended range is an extended temperature range from -64°C to +191°C. The data format is a binary
number offset by 64°C. The extended range is used to measure temperature diodes with a large known
offset (such as CPU/GPU processor diodes) where the diode temperature plus the offset would be
equivalent to a temperature higher than +127°C.
The following table shows the default and extended range formats.
Multi-Channel Low-Voltage Remote Di...
System Block Diagram
© 2018 Microchip Technology Inc.
Datasheet
DS20005751A-page 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com