Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1813 Datasheet(PDF) 28 Page - Microchip Technology

Part # EMC1813
Description  Multi-Channel Low-Voltage Remote Diode Sensor Family
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1813 Datasheet(HTML) 28 Page - Microchip Technology

Back Button EMC1813 Datasheet HTML 24Page - Microchip Technology EMC1813 Datasheet HTML 25Page - Microchip Technology EMC1813 Datasheet HTML 26Page - Microchip Technology EMC1813 Datasheet HTML 27Page - Microchip Technology EMC1813 Datasheet HTML 28Page - Microchip Technology EMC1813 Datasheet HTML 29Page - Microchip Technology EMC1813 Datasheet HTML 30Page - Microchip Technology EMC1813 Datasheet HTML 31Page - Microchip Technology EMC1813 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 102 page
background image
Rate of Change
▵
��
▵
��= ����max −����0 ×��������
������������−1
Where:
T(tmax)
=
temperature at the end of the interval
T(t0)
=
temperature at the beginning of the interval
The ROC period (T0 to Tmax) can be approximated by the combination of conversion rate (see Table 5-3)
and ROC samples (address 43h, 48h). The table below shows the samples defined by the bit settings.
For example, setting the conversion rate to 1 conversion per second and the number of ROC samples to
65 samples would give an approximate ROC period of 65 seconds or approximately 1 minute.
The gain applied to the result is stored in 6.10.27 ROC GAIN (Address 3Dh). The effective gains are
shown in the register definition.
Since this is sampled over time, there is a bit for each channel that indicates a change in slope has
occurred. These bits (one for each channel) assert when the result of two consecutive sample differences
exceeds the threshold limit as defined by the Hysteresis value defined in 6.10.28 ROC CONFIG
(Address 3Eh). The ROC calculations are not affected.
The Limit registers (6.10.32 R LIMH and 6.10.33 R LIML ) and Results registers (6.10.30 R RESH and
6.10.31 R2/3 RESL) are signed, two's-complement numbers stored in two consecutive registers.
If the Rate of Change result stored in registers 40h and 44h exceeds the programmed limit, the
appropriate STATUS register bits will be set in 6.10.29 ROC STATUS (Address 3Fh). The ALERT pin
may be asserted or masked, as set by 6.10.28 ROC CONFIG (Address 3Eh). The MASK bit does not
prevent the Status bits from updating, but if set, it prevents the ALERT pin from asserting.
In addition to the functions described above, two additional temperature values are stored in register for
retrieval. The maximum temperature for a given sample period is stored in a register (4Ah) that updates
every sample period and in a second register (4Dh, 4Fh) that stores a “global value” and cleared only
when read. The purpose of this register is to determine a maximum or minimum temperature,
independent of the sample period.
Below is an example of setting up the Rate of Change feature and interpreting the results.
1.
Enable Standby mode: Write a value of 40h into register 03h.
2.
Set ROC gain: Write a value of 09h in register 3Dh. This sets the gain value of two for both Ext1
and Ext2/3.
3.
Set ROC samples Ext1, Ext2/3: Write a value of 02h/02h in registers 43h/48h. This sets the ROC
samples to five for both EXT1 and Ext2/3.
4.
Set ROC Alert Limit Ext1/Ext2: Write a value of 01h/01h in registers 41h/46h. This sets the ROC
limit to two for both Ext1 and Ext2/3.
5.
Enable ROC and Hysteresis: Write a value of 20h in register 3Eh. This enables the ROC and sets
the hysteresis value to zero.
ROC example:
1.
Stabilize ambient temperature of device to +25°C.
2.
Initiate One-Shot conversion: Write a value of FFh in register 0Fh.
Multi-Channel Low-Voltage Remote Di...
System Block Diagram
© 2018 Microchip Technology Inc.
Datasheet
DS20005751A-page 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com