Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1813 Datasheet(PDF) 42 Page - Microchip Technology

Part # EMC1813
Description  Multi-Channel Low-Voltage Remote Diode Sensor Family
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1813 Datasheet(HTML) 42 Page - Microchip Technology

Back Button EMC1813 Datasheet HTML 38Page - Microchip Technology EMC1813 Datasheet HTML 39Page - Microchip Technology EMC1813 Datasheet HTML 40Page - Microchip Technology EMC1813 Datasheet HTML 41Page - Microchip Technology EMC1813 Datasheet HTML 42Page - Microchip Technology EMC1813 Datasheet HTML 43Page - Microchip Technology EMC1813 Datasheet HTML 44Page - Microchip Technology EMC1813 Datasheet HTML 45Page - Microchip Technology EMC1813 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 102 page
background image
6.10.4
External Diode Low Byte Data Register (Addresses 10h, 24h, 2Bh, 33h, 63h, 65h, 67h and 69h)
Name: 
EXTn LOW BYTE
Offset: 
0x10, 0x24, 0x2B, 0x33, 0x63, 0x65, 0x67, 0x69
Bit
7
6
5
4
3
2
1
0
EXT(N)LB[2:0]
Access
RO
RO
RO
Reset
0
0
0
Bits 7:5 – EXT(N)LB[2:0] Fractional portion of the internal diode temperature to be added to the value at
register 00h
Value
Description
111
0.875 °C
110
0.750 °C
101
0.625 °C
100
0.500 °C
011
0.375 °C
010
0.250 °C
001
0.125 °C
000
0.000 °C
Multi-Channel Low-Voltage Remote Di...
System Management Bus Protocol
© 2018 Microchip Technology Inc.
Datasheet
DS20005751A-page 42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com