Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1813 Datasheet(PDF) 67 Page - Microchip Technology

Part # EMC1813
Description  Multi-Channel Low-Voltage Remote Diode Sensor Family
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1813 Datasheet(HTML) 67 Page - Microchip Technology

Back Button EMC1813 Datasheet HTML 63Page - Microchip Technology EMC1813 Datasheet HTML 64Page - Microchip Technology EMC1813 Datasheet HTML 65Page - Microchip Technology EMC1813 Datasheet HTML 66Page - Microchip Technology EMC1813 Datasheet HTML 67Page - Microchip Technology EMC1813 Datasheet HTML 68Page - Microchip Technology EMC1813 Datasheet HTML 69Page - Microchip Technology EMC1813 Datasheet HTML 70Page - Microchip Technology EMC1813 Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 102 page
background image
6.10.26 Therm High Limit Status Register (Address 3Ch)
Name: 
THERM LIMIT STATUS
Offset: 
0x3C
Note:  The Therm Limit Status register contains the Status bits that are set when a temperature channel
Therm Limit is exceeded. If any of these bits are set, the THERM Status bit in the STATUS register is set.
Reading from the Therm Limit Status register will not clear the Status bits. Once the temperature drops
below the Therm Limit minus the Therm Hysteresis, the corresponding Status bits will be automatically
cleared. The THERM bit in the STATUS register will be cleared when all individual channel THERM bits
are cleared.
Bit
7
6
5
4
3
2
1
0
E4THERM
E3THERM
E2THERM
E1THERM
ITHERM
Access
RO
RO
RO
RO
RO
Reset
0
0
0
0
0
Bit 4 – E4THERM
This bit is set when the External Diode 4 channel exceeds its programmed Therm Limit. When set, this bit
will assert the THERM pin.
Value
Description
1
THERM pin asserted
0
THERM pin not asserted
Bit 3 – E3THERM
This bit is set when the External Diode 3 channel exceeds its programmed Therm Limit. When set, this bit
will assert the THERM pin.
Value
Description
1
THERM pin asserted
0
THERM pin not asserted
Bit 2 – E2THERM
This bit is set when the External Diode 2 channel exceeds its programmed Therm Limit. When set, this bit
will assert the THERM pin.
Value
Description
1
THERM pin asserted
0
THERM pin not asserted
Bit 1 – E1THERM
This bit is set when the External Diode 1 channel exceeds its programmed Therm Limit. When set, this bit
will assert the THERM pin.
Value
Description
1
THERM pin asserted
0
THERM pin not asserted
Multi-Channel Low-Voltage Remote Di...
System Management Bus Protocol
© 2018 Microchip Technology Inc.
Datasheet
DS20005751A-page 67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com