Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1813 Datasheet(PDF) 33 Page - Microchip Technology

Part # EMC1813
Description  Multi-Channel Low-Voltage Remote Diode Sensor Family
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1813 Datasheet(HTML) 33 Page - Microchip Technology

Back Button EMC1813 Datasheet HTML 29Page - Microchip Technology EMC1813 Datasheet HTML 30Page - Microchip Technology EMC1813 Datasheet HTML 31Page - Microchip Technology EMC1813 Datasheet HTML 32Page - Microchip Technology EMC1813 Datasheet HTML 33Page - Microchip Technology EMC1813 Datasheet HTML 34Page - Microchip Technology EMC1813 Datasheet HTML 35Page - Microchip Technology EMC1813 Datasheet HTML 36Page - Microchip Technology EMC1813 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 102 page
background image
6.7.3
SMBus Read Byte
The Read Byte protocol is used to read one byte of data from the registers, as shown below.
Table 6-4. Read Byte Protocol
START
Slave Address
WRITE
ACK
Register Data
ACK
1 → 0
YYYY_YYY
0
0
XXh
0
START
Slave Address
READ
ACK
Register Data
NACK
STOP
1 → 0
0101_000
1
0
XXh
1
0 → 1
6.7.4
Block Read
The Block Read is used to read multiple data bytes from a group of contiguous registers, as shown
below. It is an extension of the Read Byte protocol.
Note:  When using the Block Read protocol, the internal Address Pointer will be automatically
incremented after every data byte is received. It will wrap from FFh to 00h.
Table 6-5. Block Read Protocol
START
Slave Address
Write
ACK
Register
Address
ACK
1->0
YYYY_YYY
0
0
XXh
0
START
Slave Address
Read
ACK
Register
Data
ACK
Register Data
NACK
STOP
1 → 0
YYYY_YYY
1
0
XXh
0
XXh
1
0 → 1
Note:  The Block Write and Block Read protocols require that the Address Pointer be automatically
incremented. For a read command, the Address Pointer will be automatically incremented when the ACK
is sent by the host. There is no over or under bound limit checking and the Address Pointer will wrap
around from FFh to 00h if necessary.
6.7.5
SMBus Send Byte
The Send Byte protocol is used to set the internal Address Register Pointer to the correct address
location. No data is transferred during the Send Byte protocol, as shown below.
Table 6-6. Send Byte Protocol
START
Slave Address
WR
ACK
Register Data
ACK
STOP
1 → 0
YYYY_YYY
0
0
XXh
0
0 → 1
6.7.6
SMBus Receive Byte
The Receive Byte protocol is used to read data from a register when the internal register Address Pointer
is known to be at the right location (e.g., set via Send Byte). This is used for consecutive reads of the
same register as shown in Table 6-7.
Multi-Channel Low-Voltage Remote Di...
System Management Bus Protocol
© 2018 Microchip Technology Inc.
Datasheet
DS20005751A-page 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com