Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1813 Datasheet(PDF) 43 Page - Microchip Technology

Part # EMC1813
Description  Multi-Channel Low-Voltage Remote Diode Sensor Family
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1813 Datasheet(HTML) 43 Page - Microchip Technology

Back Button EMC1813 Datasheet HTML 39Page - Microchip Technology EMC1813 Datasheet HTML 40Page - Microchip Technology EMC1813 Datasheet HTML 41Page - Microchip Technology EMC1813 Datasheet HTML 42Page - Microchip Technology EMC1813 Datasheet HTML 43Page - Microchip Technology EMC1813 Datasheet HTML 44Page - Microchip Technology EMC1813 Datasheet HTML 45Page - Microchip Technology EMC1813 Datasheet HTML 46Page - Microchip Technology EMC1813 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 102 page
background image
6.10.5
Diode Status Register (Address 02h)
Name: 
STATUS
Offset: 
0x02
The STATUS register reports the operating status of the internal diode and external diode channels.
Bit
7
6
5
4
3
2
1
0
ROCF
HOTCHG
BUSY
HIGH
LOW
FAULT
ETHRM
ITHRM
Access
RO
RO
RO
RO
RO
RO
RO
RO
Reset
0
0
0
0
0
0
0
0
Bit 7 – ROCF This bit indicates if external diode 1 or 2 has exceeded the programmed Rate of Change
limit.
Value
Description
1
ROC above limit
0
ROC not above limit
Bit 6 – HOTCHG This bit indicates if the hottest channel has changed from the previous temperature
measurement.
Value
Description
1
The hottest channel has changed from the previous temperature measurement
0
The hottest channel has not changed from the previous temperature measurement
Bit 5 – BUSY This bit indicates if the ADC is currently converted measured data.
Value
Description
1
The ADC is currently converting measured data
0
The ADC is not currently converting measured data
Bit 4 – HIGH This bit indicates if a temperature channel exceeds its programmed high limit.
When set, this bit will assert the ALERT pin.
Value
Description
1
Reported temperature above the high limit
0
Reported temperature is not above the high limit
Bit 3 – LOW This bit indicates if a temperature channel drops below its programmed low limit.
When set, this bit will assert the ALERT pin.
Value
Description
1
Reported temperature below, or equal to, the low limit
0
Reported temperature is not below the low limit
Bit 2 – FAULT This bit indicates when a Diode Fault is detected.
When set, this bit will assert the ALERT pin.
Value
Description
1
A diode fault has been detected
Multi-Channel Low-Voltage Remote Di...
System Management Bus Protocol
© 2018 Microchip Technology Inc.
Datasheet
DS20005751A-page 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com