Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSAS3F3RY2205 Datasheet(PDF) 7 Page - Eaton All Rights Reserved.

Part # CSAS3F3RY2205
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSAS3F3RY2205 Datasheet(HTML) 7 Page - Eaton All Rights Reserved.

Back Button CSAS3F3RY2205 Datasheet HTML 3Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 4Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 5Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 6Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 7Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 8Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 9Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 10Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 11Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 102 page
background image
V8-T3-6
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3.0
Inductive Proximity Sensors
Introduction
Product Selection Guide
iProx
E57P Performance Series
E57PS Performance
Short Body
E57G General Purpose
Page V8-T3-11
Overview
Designed to be the highest performing
tubular inductive sensor. Standard features
include extended sensing ranges, high
noise-immunity, extreme durability and
includes Autoconfigure Technology.
Advanced features include output delay,
speed detection and cloning with
ProxView Software.
Applications
Automotive, machine tool, material
handling where high sensing performance
and inventory consolidation is a priority.
Product Features
Auto-configure technology automatically
detects a sinking (NPN) or sourcing (PNP)
connection and switches the sensor
accordingly, without any user intervention
Optional computer programming cable and
Windows-based ProxView configuration
software makes it easy to customize
sensors
Clone the sensor to match the
characteristics of more than 4,800
competitive models, or configure it to
match your specific application needs
Advanced programmable features such as
dual outputs, output delay, speed detection
and more
Technical Data and Specifications
Current ratings—
AC: 250 mA
DC: 300 mA
Enclosure ratings—
NEMA® 4, 4X, 6, 6P, 12, 13
IEC IP67, IP69K
Construction—
Stainless steel
Approvals
UL® Listed, E166051
UL Tested to Canadian safety standards
CE
RoHS Compliant
Page V8-T3-18
Overview
High performance inductive sensors.
Extended and standard ranges available.
Applications
Automotive, machine tool, material
handling where high sensing performance
and inventory consolidation is a priority.
Product Features
12, 18 and 30 mm diameters
Three-wire DC sensors
360° LED indicators standard
NO or NC outputs
Short-circuit protection
Resettable short-circuit protected and
reverse polarity on select models
Robust stainless steel tubes, shock-
resistant front caps, polycarbonate end
bells, and impact-absorbing potting
compound are resistant to physical and
environmental abuse in high temperature,
high pressure washdown and high shock
and vibration applications
Technical Data and Specifications
Current ratings—
DC: 300 mA
Enclosure ratings—IP67, IP69K;
NEMA 4, 4X, 6, 6P
Construction—
Stainless steel housing and nuts
Approvals
UL Listed, E166051
UL Tested to Canadian safety standards
CE
RoHS Compliant
Page V8-T3-24
Overview
High performance inductive sensors with
the ability to fit into tighter spaces.
Applications
Automotive, machine tool, material
handling where high sensing performance
and inventory consolidation is a priority.
Product Features
12, 18 and 30 mm diameters
Three-wire DC sensors
360° LED indicators standard
NO or NC outputs
Short-circuit protection
Resettable short-circuit protected and
reverse polarity on select models
Robust stainless steel tubes, shock-
resistant front caps, polycarbonate end
bells, and impact-absorbing potting
compound are resistant to physical and
environmental abuse in high temperature,
high pressure washdown and high shock
and vibration applications
Technical Data and Specifications
Current ratings—
DC: 300 mA
Enclosure ratings—IP67, IP69K;
NEMA 4, 4X, 6, 6P
Construction—
Stainless steel housing and nuts
Approvals
UL Listed, E166051
UL Tested to Canadian safety standards
CE
RoHS Compliant
Page V8-T3-29
Overview
This full-line, tubular proximity sensor
family provides a cost-effective solution
for high volume OEM use.
Applications
Machine tool detection, press applications,
cam detection, material handling, valve and
shaft position, automotive assembly.
Product Features
12, 18 and 30 mm diameters
Three-wire DC sensors
360° LED indicators standard
NO or NC outputs
Short-circuit protection
Resettable short-circuit protected and
reverse polarity on select models
Robust stainless steel tubes, shock-
resistant front caps, polycarbonate end
bells, and impact-absorbing potting
compound are resistant to physical and
environmental abuse in high temperature,
high pressure washdown and high shock
and vibration applications
Technical Data and Specifications
Current ratings—
DC: 100 mA
Enclosure ratings—IP67;
NEMA 4, 4X, 6, 6P
Construction—
Stainless steel housing and
nickel-brass nuts
Approvals
UL Listed, E166051
UL Tested to Canadian safety standards
CE
RoHS Compliant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com