Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSAS3F3RY2205 Datasheet(PDF) 71 Page - Eaton All Rights Reserved.

Part # CSAS3F3RY2205
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSAS3F3RY2205 Datasheet(HTML) 71 Page - Eaton All Rights Reserved.

Back Button CSAS3F3RY2205 Datasheet HTML 67Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 68Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 69Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 70Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 71Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 72Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 73Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 74Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 75Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 102 page
background image
V8-T3-70
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3.10 Inductive Proximity Sensors
Small Diameter (4, 5, 6.5, 8 mm) Sensors
Dimensions
Approximate Dimensions in Inches (mm)
Cable Models
Unthreaded Barrel
Threaded Barrel
Connector Models
Unthreaded Barrel
Threaded Barrel
Standard Length 8 mm
Note
1 U = Unshielded (4 mm cap), S = Shielded; Std = Standard Range, Ext = Extended Range.
Size A 1
Barrel Type
Length
B
D
Thread Size
Nut Width
F
Connector
Diameter G
LED Location
Cable Models
4 mm (S, Std)
Unthreaded
1.0 (25)
————L1
5 mm (S, Std)
Threaded
1.0 (25)
0.8 (21)
M5 x 0.5
SW8
—
L1
6.5 mm (S/U, Std)
Unthreaded
1.8 (45)
————L2
8 mm Short Body (S/U, Std)
Threaded
1.2 (30)
1.2 (30)
M8 x 1
SW13
—
L2
Standard Length
8 mm (S, Std)
Threaded
1.77 (45)
1.77 (45)
M8 x 1
SW13
—
L2
8 mm (S, Ext)
Threaded
1.81 (46)
1.57 (40)
M8 x 1
SW13
—
L2
8 mm (U, Std)
Threaded
1.77 (45)
1.61 (41)
M8 x 1
SW13
—
L2
8 mm (U, Ext)
Threaded
1.77 (45)
1.61 (41)
M8 x 1
SW13
—
L2
Size A 1
Barrel Type
Length
B
C
D
Thread Size
Nut Width
F
Connector
Diameter G
LED Location
Nano-Connector Models
4 mm (S, Std)
Unthreaded
1.6 (40)
0.7 (18)
0.8 (21)
—
—
0.31 (8)
L1
5 mm (S, Std)
Threaded
1.6 (40)
0.7 (18)
0.8 (21)
M5 x 0.5
SW8
0.31 (8)
L1
6.5 mm (S/U, Std)
Unthreaded
2.4 (60)
1.5 (39)
2.0 (50)
—
—
0.31 (8)
L1
8 mm Short Body (S/U, Std)
Threaded
1.8 (45)
1.0 (25)
1.4 (36)
M8 x 1
SW13
0.31 (8)
L1
Standard Length
8 mm (S, Std)
Threaded
2.36 (60)
0.79 (20)
1.57 (40)
M8 x 1
SW13
0.31 (8)
L2
8 mm (S, Ext)
Threaded
2.40 (61)
0.75 (19)
1.65 (42)
M8 x 1
SW13
0.31 (8)
L2
8 mm (U, Std)
Threaded
2.36 (60)
0.79 (20)
1.42 (36)
M8 x 1
SW13
0.31 (8)
L2
Micro-Connector Models
6.5 mm (S/U, Std)
Unthreaded
2.9 (70)
1.4 (36)
1.5 (39)
—
—
0.47 (12)
L1
8 mm Short Body (S/U, Std)
Threaded
2.0 (50)
1.6 (40)
1.0 (25)
M8 x 1
SW13
0.47 (12)
L2
Standard Length
8 mm (S, Std)
Threaded
2.76 (70)
0.83 (21)
1.93 (49)
M8 x 1
SW13
0.47 (12)
L2
8 mm (S, Ext)
Threaded
2.80 (71)
1.02 (26)
1.42 (36)
M8 x 1
SW13
0.47 (12)
L2
8 mm (U, Std)
Threaded
2.76 (70)
0.83 (21)
1.77 (45)
M8 x 1
SW13
0.47 (12)
L2
8 mm (U, Ext)
Threaded
2.76 (70)
1.22 (31)
1.38 (35)
M8 x 1
SW13
0.47 (12)
L2
A
B
L1
L2
B
L1
L2
D
F
A
B
L1
D
A
G
D
A
B
L1
L2
G
D
C
A
LED
B
CD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com