Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSAS3F3RY2205 Datasheet(PDF) 73 Page - Eaton All Rights Reserved.

Part # CSAS3F3RY2205
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSAS3F3RY2205 Datasheet(HTML) 73 Page - Eaton All Rights Reserved.

Back Button CSAS3F3RY2205 Datasheet HTML 69Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 70Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 71Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 72Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 73Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 74Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 75Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 76Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 77Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 102 page
background image
V8-T3-72
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3.11 Inductive Proximity Sensors
E56 Pancake Sensors
Product Selection
E56 Pancake Sensors
Two-Wire Sensors
DC Four-Wire Sensors
Notes
See listing of compatible connector cables on Page V8-T3-73.
1 Includes potentiometer for adjustment of sensing range.
2 Autoconfigure technology allows the sensor to automatically adapt to NPN or PNP without user intervention.
Voltage
Type
Output
Configuration
Output
Contacts
Shielding
Sensing Range
Connector Style
Catalog Number
Pancake Style
20–250 Vac
45/65 Hz
—
NO or NC
Unshielded
1.57 in (40 mm)
Screw terminals
E56CDL40A2
3-pin mini-connector
E56CDL40A2B1
NO or NC
Unshielded
2 in (50 mm)
Screw terminals
E56CDL50A2E
3-pin mini-connector
E56CDL50A2EB1
90–260 Vac
45/65 Hz
—
NO
Unshielded
2.75 in (70 mm) 1
3-pin mini-connector
E56CAL70B1S1
NO
Unshielded
3.94 in (100 mm) 1
3-pin mini-connector
E56CAL100B1S1
Voltage
Type
Output
Configuration
Output
Contacts
Shielding
Sensing Range
Connector Style
Catalog Number
Small Diameter (79 x 79 x 39 mm)
10–42 Vdc
NPN/PNP
autoconfigure 2
1 NO and 1 NC
Shielded
1.57 in (40 mm)
DC screw
E56ADL40SA
DC 4-pin mini
E56ADL40SAE01
DC 4-pin micro
E56ADL40SAD01
Unshielded
1.57 in (40 mm)
DC screw
E56ADL40UA
DC 4-pin mini
E56ADL40UAE01
DC 4-pin micro
E56ADL40UAD01
Unshielded
2 in (50 mm)
DC screw
E56ADL50UA
DC 4-pin mini
E56ADL50UAE01
DC 4-pin micro
E56ADL50UAD01
Medium Diameter (110 x 110 x 41 mm)
10–42 Vdc
NPN/PNP
autoconfigure 2
1 NO and 1 NC
Unshielded
2.75 in (70 mm)
DC 4-pin mini
E56BDL70UAE01
DC 4-pin micro
E56BDL70UAD01
Large Diameter (172 x 172 x 68 mm)
10–42 Vdc
NPN/PNP
autoconfigure 2
1 NO and 1 NC
Unshielded
3.94 in (100 mm)
DC 4-pin mini
E56CDL100UAE01
DC 4-pin micro
E56CDL100UAD01
Pancake Style
Small Diameter
Large Diameter
Medium Diameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com