Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSAS3F3RY2205 Datasheet(PDF) 93 Page - Eaton All Rights Reserved.

Part # CSAS3F3RY2205
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSAS3F3RY2205 Datasheet(HTML) 93 Page - Eaton All Rights Reserved.

Back Button CSAS3F3RY2205 Datasheet HTML 89Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 90Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 91Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 92Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 93Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 94Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 95Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 96Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 97Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 102 page
background image
V8-T3-92
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3.16 Inductive Proximity Sensors
E51 Modular Limit Switch Style Sensors
Receptacles
Receptacles
Notes
See listing of compatible connector cables on Page V8-T3-93.
1 Black receptacle is for color compatibility with E51SCN sensor body.
Conduit Entrance
1/2 in NPT
20 mm
Description
Style
Details
Cable Length
Catalog Number
Catalog Number
Surface Mount
Conduit entrance, front or rear mounting
Two-wire, AC/DC
—
—
E51RA
E51RA20
Four-wire, AC
Gray
—
E51RC
E51RC20
Black 1
—
E51RCB
E51RCB20
Four-wire, DC
—
—
E51RN
E51RN20
Mini-Connector
Epoxy filled receptacle with pre-wired mini-connector
Two-wire, AC/DC
3-pin
—
E51RAP3
—
Four-wire, AC
5-pin
—
E51RCP5
—
Four-wire, DC
5-pin
—
E51RNP5
—
Pigtail with Mini-Connector
Epoxy filled receptacle with mini-connector mounted
on 3 ft (0.9m) cable
Two-wire, AC/DC
3-pin
3 ft (0.9m)
E51RAPT3
—
Four-wire, AC
5-pin
3 ft (0.9m)
E51RCPT5
—
Four-wire, DC
5-pin
3 ft (0.9m)
E51RNPT5
—
Pre-Wired Cable
Epoxy filled receptacle with pre-wired 16 gauge,
yellow jacketed, type SOOW-A cable. Cable enters
through hole threaded for conduit
Two-wire, AC/DC
3-conductor
8 ft (2.4m)
E51RAS
E51RA20S
12 ft (3.6m)
E51RAS12
—
20 ft (6m)
E51RAS20
—
Four-wire, AC
5-conductor
8 ft (2.4m)
E51RCS
E51RC20S
12 ft (3.6m)
E51RCS12
—
20 ft (6m)
E51RCS20
—
Four-wire, DC
5-conductor
8 ft (2.4m)
E51RNS
E51RN20S
12 ft (3.6m)
E51RNS12
—
20 ft (6m)
E51RNS20
—
Surface Mount
Mini-Connector
Pigtail with
Mini-Connector
Pre-Wired Cable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com