Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSAS3F3RY2205 Datasheet(PDF) 49 Page - Eaton All Rights Reserved.

Part # CSAS3F3RY2205
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSAS3F3RY2205 Datasheet(HTML) 49 Page - Eaton All Rights Reserved.

Back Button CSAS3F3RY2205 Datasheet HTML 45Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 46Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 47Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 48Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 49Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 50Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 51Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 52Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 53Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 102 page
background image
V8-T3-48
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3.5
Inductive Proximity Sensors
E57 Two-Wire (AC, AC/DC, DC) Proximity Sensors
Approximate Dimensions in mm
Nickel-Brass Body
Cable Models
Two-Wire Sensors
Connector Models
Two-Wire Sensors
Note
1 Normally closed models are dimensionally indicated to equivalent normally open models.
Catalog
Number
Operating
Voltage
A
B
C
D
E
E57-12GS02-A
20–250 Vac
M12x1
65
15
50
—
E57-12GU04-A
M12x1
60
15
42
8
E57-18GS05-A
M18x1
80
20
60
—
E57-18GU08-A
M18x1
80
20
48
12
E57-30GS10-A
M30x1.5
802060—
E57-30GU15-A
M30x1.5
80204515
E57-12GS02-D
10–30 Vdc
M12x1
50
—
50
—
E57-12GU04-D
M12x1
50
—
42
8
E57-12GE08-D
M12x1
50
—
42
8
E57-12GE08-D1
M12x1
50
—
42
8
E57-18GS05-D
M18x1
55
5
50
—
E57-18GU08-D
M18x1
55
5
38
12
E57-18GE16-D
M18x1
55
5
38
12
E57-18GE16-D1
M18x1
55
5
38
12
E57-30GS10-D
M30x1.5
55
5
50
—
E57-30GU15-D
M30x1.5
55
5
35
15
E57-30GE25-D
M30x1.5
55
5
35
15
E57-30GE25-D1
M30x1.5
55
5
35
15
“A”
LED
“B”
“C”
“D”
“E”
Catalog
Number 1
Operating
Voltage
A
B
C
D
E
E57-12GS02-AAB
20–250 Vac
M12x1
68
16
42
—
E57-12GU04-AAB
M12x1
68
16
34
8
E57-18GS05-AAB
M18x1
91
20
60
—
E57-18GU08-AAB
M18x1
91
20
48
12
E57-18GE16-AAB
M18x1
79.2
15
37
11.5
E57-30GS10-AAB
M30x1.5
802060—
E57-30GU15-AAB
M30x1.5
91204515
E57-12GS02-DDB
10–30 Vdc
M12x1
69
16
42
—
E57-12GU04-DDB
M12x1
68
16
34
8
E57-12GE08-DDB
M12x1
68
10
50
8
E57-12GE08-D1DB
M12x1
68
10
50
8
E57-18GS05-DDB
M18x1
76
15
61
—
E57-18GU08-DDB
M18x1
80
15
49
12
E57-18GE16-DDB
M18x1
79
15
52
12
E57-30GS10-DDB
M30x1.5
751560—
E57-30GU15-DDB
M30x1.5
79154515
E57-30GE25-DDB
M30x1.5
78154815
“A”
LED
“B”
“C”
“D”
“E”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com