Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSAS3F3RY2205 Datasheet(PDF) 77 Page - Eaton All Rights Reserved.

Part # CSAS3F3RY2205
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSAS3F3RY2205 Datasheet(HTML) 77 Page - Eaton All Rights Reserved.

Back Button CSAS3F3RY2205 Datasheet HTML 73Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 74Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 75Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 76Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 77Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 78Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 79Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 80Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 81Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 102 page
background image
V8-T3-76
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
For Customer Service in the U.S. call 1-877-ETN CARE (386-2273),
in Canada call 1-800-268-3578.
For Application Assistance in the U.S. and Canada
call 1-800-426-9184.
3.12 Inductive Proximity Sensors
Nonmetallic Tubular Sensors
Nonmetallic Tubular Sensors
Contents
Description
Page
Nonmetallic Tubular Sensors
Product Selection . . . . . . . . . . . . . . . . . . . . . . .
V8-T3-77
Technical Data and Specifications . . . . . . . . . .
V8-T3-78
Wiring Diagrams . . . . . . . . . . . . . . . . . . . . . . .
V8-T3-78
Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . .
V8-T3-78
Nonmetallic Tubular Sensors
Product Description
E55 Tubular Inductive
Proximity Sensors by Eaton’s
Electrical Sector are
constructed of corrosion
resistant PBT plastic. They
are ideally suited for wash
down applications such as
those found in food
processing plants. They are
available in 12 mm, 18 mm
and 30 mm diameters,
shielded or unshielded.
Shielded units can be
embedded in metallic
surfaces.
Features
●
Models available that
operate on two-wire AC or
three-wire DC power
●
Threaded tubular housings
in three diameters allow
easy integration into new
and existing applications
●
Nonmetallic construction
offers excellent resistance
to corrosion
●
Output indicator LED is
standard on all models
Standards and Certifications
●
CE
●
RoHS Compliant
DANGER
THIS SENSOR IS NOT A
SAFETY DEVICE AND IS NOT
INTENDED TO BE USED AS A
SAFETY DEVICE. This sensor
is designed only to detect
and read certain data in an
electronic manner and
perform no use apart from
that, specifically no safety-
related use. This sensor
product does not include
self-checking redundant
circuitry, and the failure of
this sensor product could
cause either an energized
or de-energized output
condition, which could result
in death, serious bodily
injury, or property damage.
For the most current information
on this product, visit our Web site:
www.eaton.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com