Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSAS3F3RY2205 Datasheet(PDF) 40 Page - Eaton All Rights Reserved.

Part # CSAS3F3RY2205
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSAS3F3RY2205 Datasheet(HTML) 40 Page - Eaton All Rights Reserved.

Back Button CSAS3F3RY2205 Datasheet HTML 36Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 37Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 38Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 39Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 40Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 41Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 42Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 43Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 44Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 102 page
background image
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
V8-T3-39
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3.5
Inductive Proximity Sensors
E57 Two-Wire (AC, AC/DC, DC) Proximity Sensors
Nickel-Brass Body
Two-Wire Sensors
Note
See listing of compatible connector cables on Page V8-T3-40.
Operating
Voltage
Sensing
Range
Shielding
Output Type
Connection Type
NO Output
Catalog Number
NC Output
Catalog Number
12 mm Diameter
20–250 Vac
2 mm
Shielded
—
2-meter cable
E57-12GS02-A
E57-12GS02-A1
3-pin micro AC connector
E57-12GS02-AAB
E57-12GS02-A1AB
4 mm
Unshielded
—
2-meter cable
E57-12GU04-A
E57-12GU04-A1
3-pin micro AC connector
E57-12GU04-AAB
E57-12GU04-A1AB
10–30 Vdc
2 mm
Shielded
NPN/PNP
2-meter cable
E57-12GS02-D
E57-12GS02-D1
4-pin micro DC connector
E57-12GS02-DDB
E57-12GS02-D1DB
4 mm
Unshielded
NPN/PNP
2-meter cable
E57-12GU04-D
E57-12GU04-D1
4-pin micro DC connector
E57-12GU04-DDB
E57-12GU04-D1DB
8 mm
(extended range)
NPN/PNP
2-meter cable
E57-12GE08-D
E57-12GE08-D1
4-pin micro DC connector
E57-12GE08-DDB
E57-12GE08-D1DB
18 mm Diameter
20–250 Vac
5 mm
Shielded
—
2-meter cable
E57-18GS05-A
E57-18GS05-A1
3-pin micro AC connector
E57-18GS05-AAB
E57-18GS05-A1AB
8 mm
Unshielded
—
2-meter cable
E57-18GU08-A
E57-18GU08-A1
3-pin micro AC connector
E57-18GU08-AAB
E57-18GU08-A1AB
16 mm
3-pin micro AC connector
E57-18GE16-AAB
E57-18GE16-A1AB
10–30 Vdc
5 mm
Shielded
NPN/PNP
2-meter cable
E57-18GS05-D
E57-18GS05-D1
4-pin micro DC connector
E57-18GS05-DDB
E57-18GS05-D1DB
8 mm
Unshielded
NPN/PNP
2-meter cable
E57-18GU08-D
E57-18GU08-D1
4-pin micro DC connector
E57-18GU08-DDB
E57-18GU08-D1DB
16 mm
(extended range)
NPN/PNP
2-meter cable
E57-18GE16-D
E57-18GE16-D1
4-pin micro DC connector
E57-18GE16-DDB
E57-18GE16-D1DB
30 mm Diameter
20–250 Vac
10 mm
Shielded
—
2-meter cable
E57-30GS10-A
E57-30GS10-A1
3-pin micro AC connector
E57-30GS10-AAB
E57-30GS10-A1AB
15 mm
Unshielded
—
2-meter cable
E57-30GU15-A
E57-30GU15-A1
3-pin micro AC connector
E57-30GU15-AAB
E57-30GU15-A1AB
10–30 Vdc
10 mm
Shielded
NPN/PNP
2-meter cable
E57-30GS10-D
E57-30GS10-D1
4-pin micro DC connector
E57-30GS10-DDB
E57-30GS10-D1DB
15 mm
Unshielded
NPN/PNP
2-meter cable
E57-30GU15-D
E57-30GU15-D1
4-pin micro DC connector
E57-30GU15-DDB
E57-30GU15-D1DB
25 mm
(extended range)
NPN/PNP
2-meter cable
E57-30GE25-D
E57-30GE25-D1
4-pin micro DC connector
E57-30GE25-DDB
E57-30GE25-D1DB
12 mm
18 mm
30 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com