Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSAS3F3RY2205 Datasheet(PDF) 75 Page - Eaton All Rights Reserved.

Part # CSAS3F3RY2205
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSAS3F3RY2205 Datasheet(HTML) 75 Page - Eaton All Rights Reserved.

Back Button CSAS3F3RY2205 Datasheet HTML 71Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 72Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 73Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 74Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 75Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 76Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 77Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 78Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 79Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 102 page
background image
V8-T3-74
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3.11 Inductive Proximity Sensors
E56 Pancake Sensors
Technical Data and Specifications
Two-Wire
Four-Wire
Note
1 Small diameter DC unshielded models are rated at –40 °F (–40 °C). All other models can be operated at –40 °F (–40 °C), but range drift will occur.
AC Two-Wire
Description
Small Diameter
Medium Diameter
Large Diameter
Operating voltage
20–250 Vac
20–250 Vac
20–250 Vac
Load current (maximum)
400 mA
400 mA
400 mA
Off-state leakage
At or above 32 °F (0 °C): <1.7 mA;
below 32 °F (0 °C): 2.0 mA
At or above 32 °F (0 °C): <1.7 mA;
below 32 °F (0 °C): 2.0 mA
At or above 32 °F (0 °C): <1.7 mA;
below 32 °F (0 °C): 2.0 mA
Voltage drop
<10 V (5 V nominal)
<10 V (5 V nominal)
<10 V (5 V nominal)
Outputs
NO or NC (switch selectable)
NO or NC by model
NO or NC by model
Sensing range (maximum)
50 mm
70 mm
100 mm
Range adjustment
Not adjustable
Potentiometer adjustable down to
50% of rated maximum range
Potentiometer adjustable down to
50% of rated maximum range
Standard target size (mild steel)
150 mm
210 mm
300 mm
Frequency of operation
30 Hz
10 Hz
10 Hz
Repeatability
<3%
<3%
<3%
Hysteresis (maximum)
10–15%
10–15%
10–15%
Time delay before availability
300 ms
300 ms
300 ms
Circuit protection
Short-circuit protection with auto reset
Short-circuit protection with auto reset
Short-circuit protection with auto reset
Operating temperature
–13 to 158 °F (–25 to 70 °C) 1
–13 to 158 °F (–25 to 70 °C) 1
–13 to 158 °F (–25 to 70 °C) 1
Temperature drift
±10%
±10%
±10%
Enclosure rating
NEMA 4, 4X, 6, 6P, 12 and 13 (IP67)
NEMA 4, 4X, 6, 6P, 12 and 13 (IP67)
NEMA 4, 4X, 6, 6P, 12 and 13 (IP67)
Indicator LEDs
Output status
Output status
Output status
Materials of construction
PPS housing
PPS housing; aluminum baseplate
PPS housing; aluminum baseplate
DC Four-Wire
Description
Small Diameter
Medium Diameter
Large Diameter
Operating voltage
10–42 Vdc
10–42 Vdc
10–42 Vdc
Load current (maximum)
300 mA
300 mA
300 mA
Burden current
<25 mA
<25 mA
<25 mA
Off-state leakage
<150 μA per output
<150 μA per output
<150 μA per output
Voltage drop
<2.5 V
<2.5 V
<2.5 V
Outputs
1 NO/1 NC (complementary)
1 NO/1 NC (complementary)
1 NO/1 NC (complementary)
Sensing range (maximum)
50 mm
70 mm
100 mm
Range adjustment
Not adjustable
Potentiometer adjustable down to
50% of rated maximum range
Potentiometer adjustable down to
50% of rated maximum range
Standard target size (mild steel)
150 mm
210 mm
300 mm
Frequency of operation
70 Hz
40 Hz
30 Hz
Repeatability
<3%
<3%
<3%
Hysteresis (maximum)
10–15%
10–15%
10–15%
Time delay before availability
300 ms
300 ms
300 ms
Circuit protection
Short-circuit protection with auto reset
Short-circuit protection with auto reset
Short-circuit protection with auto reset
Operating temperature
–13 to 158 °F (–25 to 70 °C) 1
–13 to 158 °F (–25 to 70 °C) 1
–13 to 158 °F (–25 to 70 °C) 1
Temperature drift
±10%
±10%
±10%
Enclosure rating
NEMA 4, 4X, 6, 6P, 12 and 13 (IP67)
NEMA 4, 4X, 6, 6P, 12 and 13 (IP67)
NEMA 4, 4X, 6, 6P, 12 and 13 (IP67)
Indicator LEDs
Green: power; Red: output status
Green: power; Red: output status
Green: power; Red: output status
Materials of construction
PPS housing
PPS housing; aluminum baseplate
PPS housing; aluminum baseplate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com