Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSAS3F3RY2205 Datasheet(PDF) 18 Page - Eaton All Rights Reserved.

Part # CSAS3F3RY2205
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSAS3F3RY2205 Datasheet(HTML) 18 Page - Eaton All Rights Reserved.

Back Button CSAS3F3RY2205 Datasheet HTML 14Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 15Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 16Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 17Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 18Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 19Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 20Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 21Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 22Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 102 page
background image
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
V8-T3-17
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3.1
Inductive Proximity Sensors
iProx Sensors
Wiring Diagrams
Pin numbers are for reference, rely on pin location when wiring.
iProx Sensors
Dimensions
Approximate Dimensions in Inches (mm)
Cable Models
Micro-Connector Models
Notes
1 The three-wire DC version of iProx automatically configures itself to NPN or PNP based on field wiring. No user intervention is required.
2 Pin numbers 2 and 4 are internally jumpered together. Either pin may be used.
3 The complementary (1NO-1NC) output models feature the NC output on pin 2 (white).
Operating
Voltage
Connector Models (Face View Male Shown)
Output
Cable Models
Micro
Mini
Two-Wire Sensors
20–132 Vac
NO and NC
Three-Wire Sensors
6–48 Vdc
NO and NC
(NPN and PNP) 1
—
Four-Wire Dual Output and Complementary Sensors
6–48 Vdc
NO and NC (NPN)
—
NO and NC (PNP)
—
BU
BN
L2
L1
Load
L2
L1
Load
L2 or
(–)
L1 or
+V
Load
BU
BN
(–)
+V
BK
Load
2
(–)
Load
+V
Load
2
BL
BN
+V
WH
Load
(-)
Load
BU
3
+V
(–)
Load
Load
3
BL
BN
+V
WH
Load
(–)
Load
BU
3
+V
(–)
Load
Load
3
Size
Shielding
A
B
C
D
12 mm
Shielded
2.46 (62.4)
1.98 (50.3)
0.02 (0.5)
0.67 (17)
Unshielded
2.46 (62.4)
1.64 (41.6)
0.36 (9)
0.67 (17)
18 mm
Shielded
2.54 (64.5)
2.00 (50.9)
0.02 (0.5)
0.94 (24)
Unshielded
2.54 (64.5)
1.47 (37.4)
0.55 (14)
0.94 (24)
30 mm
Shielded
2.74 (69.6)
2.13 (54.1)
0.03 (0.75)
1.41 (36)
Unshielded
2.74 (69.6)
1.41 (35.8)
0.75 (19)
1.41 (36)
A
B
C
D
Size
Shielding
A
B
C
D
12 mm
Shielded
2.71 (68.7)
1.98 (50.3)
0.02 (0.5)
0.67 (17)
Unshielded
2.71 (68.7)
1.64 (41.6)
0.36 (9)
0.67 (17)
18 mm
Shielded
2.73 (69.3)
2.00 (50.9)
0.02 (0.5)
0.94 (24)
Unshielded
2.73 (69.3)
1.47 (37.4)
0.55 (14)
0.94 (24)
30 mm
Shielded
2.92 (74.1)
2.13 (54.1)
0.03 (0.75)
1.41 (36)
Unshielded
2.92 (74.1)
1.41 (35.8)
0.75 (19)
1.41 (36)
A
B
C
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com