Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSAS3F3RY2205 Datasheet(PDF) 31 Page - Eaton All Rights Reserved.

Part # CSAS3F3RY2205
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSAS3F3RY2205 Datasheet(HTML) 31 Page - Eaton All Rights Reserved.

Back Button CSAS3F3RY2205 Datasheet HTML 27Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 28Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 29Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 30Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 31Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 32Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 33Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 34Page - Eaton All Rights Reserved. CSAS3F3RY2205 Datasheet HTML 35Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 102 page
background image
V8-T3-30
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3.4
Inductive Proximity Sensors
E57G General Purpose Proximity Sensors
Product Selection
E57G General Purpose Proximity Sensors
Three-Wire Sensors
Note
See listing of compatible connector cables on Page V8-T3-31.
Operating
Voltage
Sensing
Range
Shielding
Output Type
Connection Type
NO Output
Catalog Number
NC Output
Catalog Number
12 mm Diameter
10–30 Vdc
2 mm
(standard range)
Shielded
PNP
2-meter cable
E57G-12SPN2-C2
E57G-12SPC2-C2
4-pin micro DC connector
E57G-12SPN2-Q
E57G-12SPC2-Q
NPN
2-meter cable
E57G-12SNN2-C2
E57G-12SNC2-C2
4-pin micro DC connector
E57G-12SNN2-Q
E57G-12SNC2-Q
4 mm
(standard range)
Unshielded
PNP
2-meter cable
E57G-12UPN4-C2
E57G-12UPC4-C2
4-pin micro DC connector
E57G-12UPN4-Q
E57G-12UPC4-Q
NPN
2-meter cable
E57G-12UNN4-C2
E57G-12UNC4-C2
4-pin micro DC connector
E57G-12UNN4-Q
E57G-12UNC4-Q
4 mm
(extended range)
Shielded
PNP
2-meter cable
E57G-12SPN4-C2
E57G-12SPC4-C2
4-pin micro DC connector
E57G-12SPN4-Q
E57G-12SPC4-Q
NPN
2-meter cable
E57G-12SNN4-C2
E57G-12SNC4-C2
4-pin micro DC connector
E57G-12SNN4-Q
E57G-12SNC4-Q
8 mm
(extended range)
Unshielded
PNP
2-meter cable
E57G-12UPN8-C2
E57G-12UPC8-C2
4-pin micro DC connector
E57G-12UPN8-Q
E57G-12UPC8-Q
NPN
2-meter cable
E57G-12UNN8-C2
E57G-12UNC8-C2
4-pin micro DC connector
E57G-12UNN8-Q
E57G-12UNC8-Q
18 mm Diameter
10–30 Vdc
5 mm
(standard range)
Shielded
PNP
2-meter cable
E57G-18SPN5-C2
E57G-18SPC5-C2
4-pin micro DC connector
E57G-18SPN5-Q
E57G-18SPC5-Q
NPN
2-meter cable
E57G-18SNN5-C2
E57G-18SNC5-C2
4-pin micro DC connector
E57G-18SNN5-Q
E57G-18SNC5-Q
8 mm
(standard range)
Unshielded
PNP
2-meter cable
E57G-18UPN8-C2
E57G-18UPC8-C2
4-pin micro DC connector
E57G-18UPN8-Q
E57G-18UPC8-Q
NPN
2-meter cable
E57G-18UNN8-C2
E57G-18UNC8-C2
4-pin micro DC connector
E57G-18UNN8-Q
E57G-18UNC8-Q
8 mm
(extended range)
Shielded
PNP
2-meter cable
E57G-18SPN8-C2
E57G-18SPC8-C2
4-pin micro DC connector
E57G-18SPN8-Q
E57G-18SPC8-Q
NPN
2-meter cable
E57G-18SNN8-C2
E57G-18SNC8-C2
4-pin micro DC connector
E57G-18SNN8-Q
E57G-18SNC8-Q
12 mm
(extended range)
Unshielded
PNP
2-meter cable
E57G-18UPN12-C2
E57G-18UPC12-C2
4-pin micro DC connector
E57G-18UPN12-Q
E57G-18UPC12-Q
NPN
2-meter cable
E57G-18UNN12-C2
E57G-18UNC12-C2
4-pin micro DC connector
E57G-18UNN12-Q
E57G-18UNC12-Q
12 mm
18 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com