Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS1020A Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # LS1020A
Description  TWR-LS1021A Reference Manual
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LS1020A Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button LS1020A Datasheet HTML 20Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 21Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 22Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 23Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 24Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 25Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 26Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 27Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 71 page
background image
Architecture
TWR-LS1021A Reference Manual, Rev. 0
Freescale Semiconductor
2-9
2.6.1.1
Single-Source SYSCLK
A new feature supported on TWR-LS1021A is “single-source” clocking. In this mode, a differential clock
is supplied to the DIFF_SYSCLK_P/DIFF_SYSCLK_N inputs to the processor, which is in turn used to
supply clocks to the core and platform (SYSCLK), DDR controller (DDRCLK) and USB controller
(USBCLK).
2.6.2
SerDes clocks
The LS1021A SerDes port accepts two different differential clock inputs (SD1_REFCLK1 and
SD1_REFCLK2), allowing the flexibility to use different protocols with different clock rates on the
SerDes pins. The clock inputs are provided by the IDT clock generator device, which can generate the
required 100.00 or 125.00 frequencies.
2.6.3
Ethernet and USB clocks
Ethernet clock is also provided by an IDT6V49205BNLGI, which supplies 125.0 MHz to the Ethernet port
clock inputs (EC3_GTXCLK_125), as well as to the separate RGMII PHYs. Additionally, a 60 MHz
reference clock is provided for the USBCLK input from external USB PHY.
Additionally, for the Ethernet PHY input clocks are individually supplied by IDT6V49205BNLGI as well.
2.7
Memory controllers
The TWR-LS1021A supports high-speed DRAM with 1 GB DDR3L SDRAM discrete devices (32-bit
bus). The memory interface includes all the necessary termination and I/O power, and is routed so as to
achieve maximum performance of the memory bus, as shown in Figure 2-7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com