Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS1020A Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

Part # LS1020A
Description  TWR-LS1021A Reference Manual
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LS1020A Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button LS1020A Datasheet HTML 34Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 35Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 36Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 37Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 38Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 39Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 40Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 41Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 71 page
background image
Architecture
TWR-LS1021A Reference Manual, Rev. 0
Freescale Semiconductor
2-23
2.17
Interrupt controller
The LS1021A / LS1020A MPIC pins are typically connected to a variety of devices, many operating at
differing voltages.
Figure 2-18 shows the interrupt architecture.
Figure 2-17. Interrupt architecture
The connection from external interrupts to the correct MPIC pins is shown in Table 2-16.
Table 2-16. Interrupt connections
Signal names
Connected devices
Note
IRQ0_B
SGMII2 Interrupt
+1.8V O1VDD, pull-up on board
IRQ1_B
RGMII Interrupt
+1.8V OVDD, Pull-up on board
IRQ2_B
TWR ELEV D62 pin
LCD_IRQ_I interrupt
L1VDD, without pull-up on board for TWR-LCD
interrupt
IRQ3_B
TWR ELEV D60 pin
LCD_IRQ_K interrupt
LVDD, pull-up on board for TWR-LCD interrupt
IRQ4_B
TWR ELEV B61 pin
IRQ_SPI interrupt
+3.3V DVDD, without pull-up on board.
IRQ5_B
TWR ELEV B62 pin
IRQ_KBI interrupt
+3.3V DVDD, without pull-up on board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com