Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS1020A Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # LS1020A
Description  TWR-LS1021A Reference Manual
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LS1020A Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button LS1020A Datasheet HTML 24Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 25Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 26Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 27Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 28Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 29Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 30Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 31Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 71 page
background image
Architecture
TWR-LS1021A Reference Manual, Rev. 0
Freescale Semiconductor
2-13
2.9
Ethernet controllers
The TWR-LS1021A supports three Ethernet Controllers (EC) which can connect to Ethernet PHYs using
MII or RGMII protocols. The EC3 port can operate in RGMII mode and is always on, while the EC2 and
EC3 ports only operates in SGMII mode. All three ports connects to Atheros AR8033 PHYs
.
Connections and routing for the TSEC are summarized in Table 2-9.
The drives the and associated PHY devices with a 125.00 MHz clock, from one of various sources. See
Section 2.6 for details on Ethernet clocking.
2.10
Ethernet management interface
The EMI routing architecture is shown in Figure 2-8.
Table 2-9. Ethernet port locations
EC #
Mode
Interface
voltage
PHY
address
Connector location
Status indicator
1
SGMII
S1VDD/X1VDD
(1.0V/1.35V)
2
P1 Bottom
R: Transmit or Receive activity
L: Link (1000M)
2
SGMII
S1VDD/X1VDD
(1.0V/1.35V)
0
P1 Top
R: Transmit or Receive activity
L: Link (1000M)
3
RGMII
LVDD
(2.5V)
1
U20
L: Transmit or Receive activity
R: Link (Any speed)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com