Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS1020A Datasheet(PDF) 42 Page - Freescale Semiconductor, Inc

Part # LS1020A
Description  TWR-LS1021A Reference Manual
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LS1020A Datasheet(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button LS1020A Datasheet HTML 38Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 39Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 40Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 41Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 42Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 43Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 44Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 45Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 71 page
background image
Architecture
TWR-LS1021A Reference Manual, Rev. 0
Freescale Semiconductor
2-27
NOTE
GPIO I/O signals are actively driven to high or low levels; software can
emulate open-drain drivers by driving 0 normally, but driving 1 by
switching to input mode and letting the external pullup operate.
2.22
Monitoring LEDs
The TWR-LS1021A has some LEDs which can be used to monitor various functions of the system:
2.23
MBED
This section will describe MBED circuit on TWR-LS1021A board. MBED is an open-standard serial and
debug adapter. It bridges serial and debug communications between a USB host and an embedded target
processor as shown in Figure 2-21.
SDHC_CMD, etc
GPIO_2[04:27]
Required for non-GPIO function
EMI_MDC, etc
GPIO_3[00:31]
Required for non-GPIO function
EC3_TX_EN, etc
GPIO_4[00:28]
Required for non-GPIO function
Table 2-19. LED status monitors
LED
LED Legend
Description
COLOR
D1
POWER
3.3V is powered up
GREEN
D2
SDA
MBED firmware is loaded.
GREEN
D5
ASLEEP
ASLEEP is being asserted.
GREEN
RJ45(U20) right
Link
RGMII Link
GREEN
RJ45(U20) left
Activity
RGMII Activity
YELLOW
RJ45(P1) left down
Link
SGMII1 Link
GREEN
RJ45(P1) right down
Activity
SGMII1 Activity
YELLOW
RJ45(P1) left up
Link
SGMII2 Link
GREEN
RJ45(P1) right up
Activity
SGMII2 Activity
YELLOW
Table 2-18. GPIO mapping (continued)
DUT Primary
Function
DUT GPIO
Function
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com