Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS1020A Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

Part # LS1020A
Description  TWR-LS1021A Reference Manual
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LS1020A Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button LS1020A Datasheet HTML 40Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 41Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 42Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 43Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 44Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 45Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 46Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 47Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 71 page
background image
Tower Elevator Connections
TWR-LS1021A Reference Manual, Rev. 0
Freescale Semiconductor
3-1
Chapter 3
Tower Elevator Connections
This section describes the TWR elevator pinouts.
3.1
Overview
The TWR-LS1021A features two expansion card-edge connectors that interface to the primary and
secondary elevator boards in a Tower system. The Primary Connector (comprised of sides A and B) is
utilized by the TWR-LS1021A while the Secondary Connector (comprised of sides C and D) makes
connections to the LCD and ULPI etc signals. Table 3-1 provides the pinout for the Primary Connector.
Table provides the pinout for the Secondary Connector.
Table 3-1. TWR-LS1021A primary connector pinout
Pin#
Side B
Pin#
Side A
Name
Usage
Name
Usage
B1
5V
5.0V Power
A1
5V
5.0V Power
B2
GND
Ground
A2
GND
Ground
B3
3.3V
3.3V Power
A3
3.3V
3.3V Power
B4
ELE_PS_SE
NSE
Elevator
Power Sense
A4
3.3V
3.3V Power
B5
GND
Ground
A5
GND
Ground
B6
GND
Ground
A6
GND
Ground
B7
SDHC_CLK /
SPI1_CLK
SPI1_SCK
A7
SCL0
I2C3_SCL
B8
SDHC_D3 /
SPI1_CS1_b
SPI1_CS1_B
A8
SDA0
I2C3_SDA
B9
SDHC_D3 /
SPI1_CS0_b
SPI1_CS0_B
A9
GPIO9 / CTS1
LPUART1_CTS1
B10
SDHC_CMD /
SPI1_MOSI
SPI1_SOUT
A10
GPIO8 / SDHC_led
FTM1_QD_PHA_
GPIO3_13
B11
SDHC_D0 /
SPI1_MISO
SPI1_SIN
A11
GPIO7 /
SD_WP_DET
ELEV_GPIO07_A
11
B12
ETH_COL
A12
ETH_CRS
B13
ETH_RXER
A13
ETH_MDC
B14
ETH_TXCLK
A14
ETH_MDIO
B15
ETH_TXEN
A15
ETH_RXCLK
B16
ETH_TXER
A16
ETH_RXDV
B17
ETH_TXD3
A17
ETH_RXD3
B18
ETH_TXD2
A18
ETH_RXD2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com